Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SMS-R030-1.0

  • AI
    The **SMS-R030-1.0** is a specific surface-mount **Current Sense Resistor** (Shunt Resistor) manufactured by **Isabellenhütte**. It is designed for high-precision current measurement in power electronics. --- ## 1. Component Specifications The part number can be broken down to understand its core electronic characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Resistance Value** | 0.030 $\Omega$ (30 m$\Omega$) | The fixed resistance used to create a voltage drop. | | **Tolerance** | $\pm$ 1.0% | The allowable deviation from the nominal resistance. | | **Power Rating** | 5 Watts | Maximum power dissipation at 70°C. | | **Temperature Coefficient** | < 50 ppm/K | Stability of resistance over temperature changes. | | **Package Size** | 2512 (approx.) | Surface mount device (SMD) footprint. | --- ## 2. Key Electronic Features The SMS series is distinguished by its construction and stability features: * **Manganin Technology:** The resistive element is made of Manganin, a copper-manganese-nickel alloy known for its extremely low temperature coefficient and long-term stability. * **Low Inductance:** Designed with an inductance of $< 3$ nH, making it suitable for high-frequency switching applications. * **Thermal EMF:** It exhibits very low Thermal EMF (Electromotive Force) against copper ($< 1 \mu V/K$), preventing measurement errors caused by temperature gradients across the solder joints. * **High Pulse Power:** Due to its massive metallic construction, it can handle significant short-term pulse loads compared to standard thick-film resistors. --- ## 3. Application Circuitry In an electronic circuit, the **SMS-R030-1.0** acts as a "Shunt." According to Ohm's Law ($V = I \times R$), the current is measured by reading the voltage drop across the resistor. ### Typical Implementation ```python # Calculating Current from Voltage Drop # R = 0.030 Ohms def calculate_current(measured_voltage): resistance = 0.030 current = measured_voltage / resistance return current # Example: If your ADC reads 60mV (0.060V) # Current = 0.060 / 0.030 = 2.0 Amperes ``` --- ## 4. Common Use Cases 1. **Battery Management Systems (BMS):** Monitoring charge/discharge cycles in lithium batteries. 2. **Motor Control:** Sensing phase current for BLDC or stepper motor drivers. 3. **DC/DC Converters:** Providing feedback for current-mode PWM controllers. 4. **Power Supplies:** Overcurrent protection and load regulation.
    ✨ Follow-up Questions
    • ⤷ What are the soldering recommendations for the SMS-R030 to ensure accuracy?
    • ⤷ How does the power derating curve affect this resistor at temperatures above 70°C?
    • ⤷ What is the difference between a 2-terminal and a 4-terminal (Kelvin) layout for this part?