Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SMS-R040-1.0

  • AI
    The **SMS-R040-1.0** is a precision **Surface Mount (SMD) Current Sense Resistor** manufactured by **Isabellenhütte**. It is designed for high-power applications requiring accurate current measurement and high stability. --- ### 1. Key Technical Specifications The model name follows a specific nomenclature that describes its electrical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Resistance Value** | 40 mΩ (0.040 Ω) | Indicated by "R040" | | **Tolerance** | ±1.0% | Indicated by "1.0" | | **Power Rating** | 5 Watts | Continuous power at 70°C (P70) | | **Temperature Coefficient** | < 50 ppm/K | Stability over temperature changes | | **Operating Temperature** | -65°C to +170°C | Extreme environmental range | | **Package Size** | 2512 (approx.) | Standard SMD footprint | --- ### 2. Internal Construction & Technology This component is part of the **SMS series**, which utilizes Isabellenhütte's proprietary **Manganin®** alloy. * **ISA-WELD® Technology:** The resistor is constructed using a composite of copper-manganin-copper, electron-beam welded together. * **Low Inductance:** The flat, solid-metal construction ensures an inductance level below 3 nH, making it suitable for high-frequency switching. * **High Pulse Power:** Due to its metallic mass, it can handle significant transient surges compared to thick-film resistors. --- ### 3. Common Applications The SMS-R040-1.0 is typically found in circuits where monitoring current flow is critical for control or protection: 1. **Power Management:** DC/DC converters and voltage regulators. 2. **Motor Control:** Phase current sensing in industrial drives. 3. **Battery Management (BMS):** Monitoring charge/discharge cycles in Li-ion packs. 4. **Automotive:** Found in electronic power steering (EPS) and braking systems. --- ### 4. Typical Connection Schematic To achieve the rated accuracy, these resistors are often used in a **Kelvin (4-wire) configuration** to eliminate the resistance of the PCB traces. ```cpp // Logic Representation of Sensing Current_In ----[ R040 ]---- Current_Out | | | |---- Sense (-) --> To ADC/Op-Amp |--------- Sense (+) --> To ADC/Op-Amp V_sense = I_actual * 0.040 Ohms ```
    ✨ Follow-up Questions
    • ⤷ What are the advantages of using Manganin over standard thick-film resistors?
    • ⤷ How do I calculate the maximum current this resistor can handle at 5W?
    • ⤷ What is the recommended PCB footprint for the SMS series to ensure proper heat dissipation?