Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SMS-R050-1.0

  • AI
    The **SMS-R050-1.0** is a specific type of electronic component known as a **Current Sense Resistor** (also called a Shunt Resistor). It is designed to measure electrical current by creating a small, predictable voltage drop across its terminals. Below is a detailed breakdown of its technical specifications and characteristics. --- ### 1. Key Technical Specifications The part number typically follows a standard convention used by manufacturers like Isabellenhütte or similar high-precision resistor producers. | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Surface Mount (SMD) Current Sense Resistor | | **Resistance Value** | 50 mΩ (0.050 Ohms) | | **Tolerance** | ± 1.0% | | **Power Rating** | Typically 2W to 5W (depending on package size) | | **Temperature Coefficient** | Low TCR (often < 50 ppm/K) | | **Material** | Usually Manganin or similar high-stability alloy | --- ### 2. Breakdown of the Part Number Understanding the alphanumeric code helps identify the component's physical and electrical properties: * **SMS**: The series designation (usually refers to the package size/style, often "Standard Manganin Size"). * **R050**: Represents the resistance. The "R" acts as a decimal point. `R050` = `0.050` Ohms or **50 milliohms**. * **1.0**: Represents the precision tolerance. In this case, it is **1.0%**. --- ### 3. Functional Application In a circuit, this component is placed in series with the load. By measuring the voltage ($V$) across the resistor, a microcontroller or sensing IC can calculate the current ($I$) using Ohm's Law: $$I = \frac{V}{R}$$ #### Common Use Cases: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles. 2. **Motor Control:** Detecting overcurrent conditions or controlling torque. 3. **Power Supplies:** Implementing current feedback loops for regulation. 4. **DC-DC Converters:** Measuring efficiency and load levels. --- ### 4. Physical Characteristics * **Low Inductance:** Designed to be "non-inductive," allowing for accurate measurements in high-frequency switching environments. * **Heat Dissipation:** These parts are built with a metal plate or heavy-duty ceramic substrate to handle the heat generated by constant current flow. * **Mounting:** Designed for automated SMD (Surface Mount Device) assembly lines. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current this resistor can handle based on its power rating?
    • ⤷ How does temperature affect the accuracy of a 50 mΩ shunt resistor?
    • ⤷ What are the alternatives to using a shunt resistor for current sensing?