Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SMS-R680-1.0

  • AI
    The **SMS-R680-1.0** is a specific hardware revision for a cellular-based communication module, typically used in industrial IoT, remote monitoring, or smart metering applications. This board is designed to interface between a host microcontroller and a cellular network (GSM/LTE). Below is a breakdown of the electronic components and subsystems found on this module. --- ### 1. Core Component: Cellular Module The heart of the board is the **R680 wireless module**. * **Technology:** Usually supports LTE Cat 1 or Cat M1/NB-IoT, ensuring low-power, wide-area network (LPWAN) connectivity. * **Bands:** Designed for global or regional frequency bands (e.g., B1, B3, B5, B8, B20). * **Protocols:** Integrated TCP/IP, UDP, HTTP, and MQTT stacks for direct cloud communication. ### 2. Power Management System Since cellular modules require high current bursts (up to 2A during transmission), the power circuitry is critical: | Component | Function | | :--- | :--- | | **Buck Regulator** | Steps down input voltage (e.g., 5V-12V) to the module's 3.8V operating voltage. | | **Tantalum/Electrolytic Caps** | Large capacitors placed near the VCC pin to buffer current spikes and prevent brownouts. | | **LDO Regulators** | Provide clean 1.8V or 3.3V power to the logic and SIM interface. | ### 3. Interface & Connectivity The SMS-R680-1.0 features several physical and logical interfaces for integration: * **SIM Slot:** A Micro or Nano-SIM card holder (often with ESD protection diodes). * **UART Interface:** The primary communication method. * *TX/RX:* Transmit and receive data. * *CTS/RTS:* Hardware flow control. * **Antenna Ports:** * **Main:** U.FL or SMA connector for LTE/GSM. * **GNSS (Optional):** If the R680 variant supports GPS, a secondary antenna port is present. ### 4. Logic & Control Elements * **Level Shifters:** Many modules operate at 1.8V logic. The board includes level shifting ICs to allow 3.3V or 5V microcontrollers to communicate without damage. * **Status LEDs:** * *NET/Status:* Blinks to indicate network registration status. * *Power:* Indicates the board is receiving voltage. * **Reset/Power-Key Pins:** Hardware pins used to programmatically reboot the module or wake it from deep sleep. --- ### Technical Specifications Summary | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 5V DC (typical range 3.4V - 4.2V internally) | | **Logic Level** | 3.3V (most common on v1.0 boards) | | **Form Factor** | LCC or DIP header for PCB mounting | | **Command Set** | Standard AT Commands (3GPP TS 27.007) |
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the UART interface on the SMS-R680-1.0?
    • ⤷ Does this module support GNSS/GPS tracking functionality?
    • ⤷ What are the specific LTE frequency bands supported by the R680 module?