Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SP-14-R

  • AI
    The **SP-14-R** is a specific type of **Low Profile Surface Mount (SMT) Inductor/Transformer** (often associated with brands like Prem Magnetics or similar electronic component manufacturers). These parts are primarily used in telecommunications and audio coupling applications due to their compact size and reliability. ### 1. Technical Specifications Below is a breakdown of the typical electronic characteristics found in the SP-14-R series: | Feature | Specification | | :--- | :--- | | **Type** | Surface Mount (SMT) Audio/Data Transformer | | **Impedance (Primary)** | ~600 $\Omega$ (Typical for telecom) | | **Impedance (Secondary)** | ~600 $\Omega$ (1:1 Ratio common) | | **DC Resistance (DCR)** | Low (optimized for signal integrity) | | **Frequency Response** | 300 Hz to 3.5 kHz (Voice grade) | | **Dielectric Strength** | 1500VAC (Hi-pot tested) | --- ### 2. Core Electronic Components & Construction #### A. The Magnetic Core The internal part consists of a **Ferrite core**. Ferrite is used because it has high magnetic permeability and low electrical conductivity, which prevents "eddy currents" (energy loss) while allowing the signal to pass through efficiently. #### B. Winding (Copper Wire) The "R" in the part number often signifies a specific winding configuration or RoHS compliance. * **Primary Winding:** Connects to the input signal source. * **Secondary Winding:** Connects to the output load. * **Insulation:** The wires are coated in a thin polymer film to prevent short-circuiting between loops. #### C. Housing/Packaging * **Encapsulation:** Usually housed in a flame-retardant plastic or epoxy case. * **Terminals:** Lead-free (Tin-plated) pads designed for reflow soldering onto a PCB. --- ### 3. Key Electronic Functions The SP-14-R performs three critical roles in a circuit: 1. **Impedance Matching:** It ensures that the output impedance of one circuit matches the input impedance of the next to maximize power transfer and minimize signal reflection. 2. **Galvanic Isolation:** It allows the AC signal to pass through via magnetic induction while blocking DC current. This protects sensitive digital components from high-voltage surges on external lines. 3. **Noise Suppression:** By utilizing differential signaling, it helps filter out common-mode noise in communication lines. --- ### 4. Common Applications * **Modems:** Interfacing the digital circuit with the analog telephone line. * **Telephony:** PBX systems and digital-to-analog voice converters. * **Instrumentation:** Isolating sensors from data acquisition hardware.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the SP-14-R and standard through-hole transformers?
    • ⤷ How does the 1:1 turns ratio affect signal voltage?
    • ⤷ Can the SP-14-R be used for high-frequency power switching?