Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SPB1007-R22M

  • AI
    ## Electronic Analysis of SPB1007-R22M The **SPB1007-R22M** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converters and power management modules. Below is a detailed breakdown of its electronic characteristics. --- ### 1. Technical Specifications The part number follows a standard industry nomenclature for power inductors: | Parameter | Value / Description | | :--- | :--- | | **Inductance** | 0.22 µH (Microhenries) | | **Tolerance** | ±20% (indicated by 'M') | | **Case Size** | 10.0 x 10.0 x 7.0 mm (Approx.) | | **Core Material** | Ferrite or Composite Iron Powder | | **Mounting Type** | SMD (Surface Mount Device) | | **Shielding** | Magnetically Shielded | --- ### 2. Key Electrical Characteristics This component is designed for high-efficiency power regulation. Its performance is defined by three main factors: * **DCR (Direct Current Resistance):** Usually extremely low (in the range of 1.0 to 2.5 mΩ). Low DCR minimizes power loss through heat (I²R losses). * **Isat (Saturation Current):** The current level at which the inductance drops by a specified percentage (usually 20-30%). For this specific part, Isat is typically very high (30A - 50A range). * **Irms (Rated Current):** The continuous DC current that causes a specific temperature rise (usually 40°C) above ambient. --- ### 3. Circuit Functionality In an electronic system, the SPB1007-R22M performs several critical roles: 1. **Energy Storage:** In Buck/Boost converters, it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle. 2. **Current Smoothing:** It acts as a low-pass filter, smoothing out the ripple current generated by high-frequency switching. 3. **EMI Suppression:** The shielded design prevents electromagnetic interference from affecting neighboring sensitive components. --- ### 4. Typical Applications Due to its high current handling and low inductance value, it is ideal for: * **VRM (Voltage Regulator Modules)** for CPUs and GPUs. * **Point-of-Load (POL)** converters. * **High-current power supplies** for networking and telecommunications equipment. * **Battery-powered devices** requiring high efficiency. ---
    ✨ Follow-up Questions
    • ⤷ What are the typical soldering temperature profiles for the SPB1007 series?
    • ⤷ How does the 'R22' designation translate to a numerical value in Henries?
    • ⤷ What is the impact of exceeding the Isat rating in a power circuit?