Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SPT175

  • AI
    The **SPT175** is a high-performance, professional-grade airless paint sprayer commonly used for medium to large residential and commercial projects. Understanding its electronic components is vital for troubleshooting and maintenance. ### Key Electronic Components of the SPT175 The electronic system of an airless sprayer regulates pressure, monitors motor performance, and ensures safety during operation. | Component | Description | Function | | :--- | :--- | :--- | | **DC Motor** | Brushless or Carbon Brush DC motor (model dependent). | Provides the mechanical force to drive the piston pump. | | **Control Board (PCB)** | The "brain" of the unit. | Processes signals from the pressure sensor to adjust motor speed. | | **Pressure Transducer** | An electronic sensor located near the fluid manifold. | Measures real-time fluid pressure and sends data to the control board. | | **Potentiometer** | The pressure control knob. | Allows the user to set the desired PSI/Bar output. | | **ON/OFF Switch** | Heavy-duty toggle or rocker switch. | Main power cut-off for the electrical circuit. | | **Circuit Breaker** | Internal safety fuse or reset button. | Protects the motor and electronics from power surges or overheating. | --- ### Detailed Electronic Functions #### 1. Smart Pressure Control Unlike entry-level sprayers that use mechanical diaphragms, the SPT175 utilizes a **digital pressure control system**. * **Constant Pressure:** The electronics monitor the "deadband" (the dip in pressure when the trigger is pulled) and instantly speed up the motor to maintain a consistent spray pattern. * **Pulse Reduction:** The control board manages motor cycles to minimize pulsations in the hose. #### 2. The Motor System The electronics manage the delivery of current to the motor. If the pump becomes clogged or the tip is blocked, the control board detects the spike in resistance and will shut down the power to prevent the motor windings from burning out. #### 3. Diagnostic Indicators Most SPT175 units feature a digital display or LED codes: * **Digital Display:** Shows the actual working pressure in PSI or Bar. * **Error Codes:** The electronics flash specific codes (e.g., E-01, E-05) to indicate issues like a faulty sensor, low voltage, or motor overheating. ### Technical Specifications (Electrical) * **Voltage:** 110V - 120V (US) or 220V - 240V (EU/International) * **Frequency:** 50/60 Hz * **Motor Power:** Typically 1.0 HP to 1.5 HP (approx. 750W - 1100W) * **Max Pressure:** Electronic limit usually set at 3300 PSI (227 Bar) ---
    ✨ Follow-up Questions
    • How do I troubleshoot an E-code on the SPT175 display?
    • What are the signs of a failing pressure transducer?
    • Can the control board be repaired or does it require full replacement?