Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SQL50A

  • AI
    The term **SQL50A** typically refers to a high-power **3-Phase Bridge Rectifier**. This electronic component is designed to convert three-phase alternating current (AC) into direct current (DC). --- ### 1. Key Technical Specifications The "50A" in the model name indicates its maximum current capacity, while the "SQL" prefix identifies its form factor (heatsink-mountable module). | Specification | Typical Value | Description | | :--- | :--- | :--- | | **Current Rating ($I_{f}$)** | 50 Amperes | Maximum average forward rectified current. | | **Voltage Rating ($V_{RRM}$)** | 600V - 1600V | Maximum repetitive peak reverse voltage. | | **Phase Count** | 3-Phase | Designed for 3-wire AC inputs (L1, L2, L3). | | **Terminal Count** | 5 Pins | 3 AC inputs, 2 DC outputs (+ and -). | | **Housing** | Aluminum Case | Metal casing for heat dissipation. | --- ### 2. Internal Construction Inside the SQL50A module, there are **six power diodes** arranged in a bridge configuration. * **Operation:** In a 3-phase system, the diodes conduct in pairs. At any given moment, the diode connected to the phase with the highest voltage conducts to the positive terminal, while the diode connected to the phase with the lowest voltage conducts to the negative terminal. * **Efficiency:** 3-phase rectification is much smoother than single-phase rectification, resulting in a lower "ripple voltage" even before capacitors are added. --- ### 3. Pinout and Installation The module usually features a square or rectangular metal base with a hole in the center for mounting to a heatsink. | Pin Label | Type | Connection | | :--- | :--- | :--- | | **~ / AC / L1, L2, L3** | Input | Connect to the three phases of the AC source (e.g., Wind turbine, Generator). | | **+ (Plus)** | Output | Positive DC output. | | **- (Minus)** | Output | Negative DC (Ground) output. | --- ### 4. Common Applications Due to its high current handling and rugged design, the SQL50A is used in: * **Wind Turbine Charging:** Rectifying the variable AC output from a 3-phase permanent magnet generator. * **Industrial Power Supplies:** Converting grid power for DC motors. * **Battery Chargers:** Heavy-duty charging systems for forklifts or marine batteries. * **Electrolysis:** Providing high-current DC for plating or chemical processes. --- ### 5. Critical Maintenance Note: Heat Dissipation At 50A, the diodes generate significant heat due to the forward voltage drop (approx. 1.0V to 1.2V per diode). * **Heatsink Requirement:** You **must** mount the SQL50A to a large aluminum heatsink. * **Thermal Paste:** Use thermal grease (silicon compound) between the module's metal base and the heatsink to ensure efficient heat transfer.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the heat dissipation requirements for an SQL50A at full load?
    • ⤷ What is the difference between an SQL50A and an MDS50A rectifier?
    • ⤷ Can I use an SQL50A for a single-phase AC input?