Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SQL9-1

  • AI
    It appears there might be a slight confusion between a specific **Electronic Part** and a **Database Language (SQL)**. Based on electronic component naming conventions, "SQL9-1" likely refers to a **Bridge Rectifier** (specifically from the SQL series). --- ## What is an SQL9-1? The **SQL9-1** is a Three-Phase Silicon Bridge Rectifier. It is designed to convert three-phase alternating current (AC) into a single direct current (DC) output. These are commonly used in industrial power supplies and battery charging systems. ### Technical Specifications (Typical) | Parameter | Specification | | :--- | :--- | | **Component Type** | 3-Phase Bridge Rectifier | | **Current Rating ($I_o$)** | 10A - 15A (Varies by manufacturer) | | **Voltage Rating ($V_{RRM}$)** | 100V - 1000V (The "-1" suffix often indicates voltage class) | | **Case Style** | Metal Cased (often square with a hole for heat sink mounting) | | **Terminal Type** | 5 Terminals (3 AC Inputs, 1 Positive DC, 1 Negative DC) | --- ### Internal Structure and Circuitry A 3-phase bridge rectifier consists of six diodes arranged in a specific bridge configuration. ```text (AC Phase 1) ---|>|--- + ---|<|--- - (AC Phase 2) ---|>|--- + ---|<|--- - (AC Phase 3) ---|>|--- + ---|<|--- - ``` ### Key Features 1. **Heat Dissipation:** Usually housed in an aluminum case to allow for efficient cooling when bolted to a heat sink. 2. **High Surge Current:** Designed to handle high initial currents when turning on inductive loads. 3. **Low Reverse Leakage:** Minimizes power loss during the non-conductive phase. --- ### Common Applications * **Three-phase AC/DC Power Supplies:** Converting grid power for DC motors. * **Industrial Automation:** Powering PLCs or sensors requiring stable DC. * **Battery Chargers:** Heavy-duty chargers for electric vehicles or forklifts. * **Welding Equipment:** Converting transformer output to DC for smoother welding arcs. --- ### Safety & Mounting Tips * **Thermal Paste:** Always apply thermal grease between the metal base of the SQL9-1 and the heat sink. * **Tightness:** Ensure the mounting screw is tight to prevent thermal runaway. * **Polarity:** Double-check the "+" and "-" markings; reversing these can destroy downstream electronics.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a single-phase and a three-phase bridge rectifier?
    • ⤷ How do I test an SQL9-1 rectifier using a multimeter?
    • ⤷ What does the '-1' suffix specifically represent in different manufacturer datasheets?