Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SR-09-R

  • AI
    The **SR-09-R** typically refers to a specific model of an **Ultrasonic Distance Sensor module**. This electronic part is widely used in robotics, security systems, and DIY electronics (like Arduino or Raspberry Pi projects) to measure distance using sound waves. --- ### ## Technical Specifications The following table highlights the core electronic characteristics of the SR-09-R module: | Feature | Specification | | :--- | :--- | | **Operating Voltage** | DC 5V | | **Operating Current** | 15mA | | **Operating Frequency** | 40kHz | | **Max Range** | 4m | | **Min Range** | 2cm | | **Measuring Angle** | 15 degrees | | **Trigger Input Signal** | 10µs TTL pulse | | **Echo Output Signal** | TTL PWL signal | --- ### ### Key Electronic Components The SR-09-R module consists of several integrated parts that work together to process signals: 1. **Ultrasonic Transmitter (T):** A ceramic transducer that converts electrical energy into 40kHz ultrasonic sound pulses. 2. **Ultrasonic Receiver (R):** A transducer that detects the reflected sound waves (echoes) and converts them back into electrical signals. 3. **Control Circuitry (IC):** Usually located on the back of the PCB, this chip manages the pulse generation and calculates the time delay between sending and receiving. 4. **Crystal Oscillator:** Provides the precise timing required for the 40kHz frequency generation. --- ### ### Pin Configuration The module generally features a 4-pin interface for easy integration: * **VCC:** Positive power supply (5V). * **Trig (Trigger):** Input pin used to initiate the ultrasonic burst. * **Echo:** Output pin that remains "HIGH" for the duration it takes for the sound wave to return. * **GND:** Ground. --- ### ### Operational Logic To interface with this part using a microcontroller, the electronic logic follows these steps: 1. **Trigger:** Pull the `Trig` pin HIGH for at least 10 microseconds. 2. **Send:** The module automatically sends eight 40kHz pulses. 3. **Receive:** The `Echo` pin goes HIGH. When the reflected signal is detected, the `Echo` pin goes LOW. 4. **Calculate:** Use the duration of the HIGH signal on the `Echo` pin to calculate distance: `Distance = (Time × Speed of Sound) / 2` ---
    ✨ Follow-up Questions
    • ⤷ How do I connect the SR-09-R to an Arduino board?
    • ⤷ What is the difference between SR-04 and SR-09-R?
    • ⤷ Can this sensor work at 3.3V instead of 5V?