Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SR-R1

  • AI
    The **Sony SR-R1** is a portable, high-speed recording system designed for high-end digital cinematography (specifically for the F3, F35, and SRW-9000PL cameras). It utilizes the SRMemory platform to record extremely high data rates. Below is a breakdown of its core electronic components and systems. --- ### 1. Main Electronic Subsystems | Component | Description | Function | | :--- | :--- | :--- | | **SRMemory Interface** | High-speed dedicated bus | Handles data transfer to SRMemory cards at speeds up to 5 Gbps. | | **FPGA Processing Core** | Field Programmable Gate Array | Manages real-time HD-SDI/3G-SDI signal processing and metadata embedding. | | **HDCAM-SR Codec Chip** | MPEG-4 SStP Hardware Encoder | Compresses raw video data into SR Lite (220 Mbps), SR SQ (440 Mbps), or SR HQ (880 Mbps). | | **Audio DSP** | Digital Signal Processor | Manages up to 16 channels of 24-bit/48kHz uncompressed digital audio. | --- ### 2. Connectivity and I/O Electronics The SR-R1 functions as a bridge between the camera's sensor output and the storage media. Its electronic architecture supports: * **Dual-link HD-SDI / 3G-SDI:** These physical inputs receive the digital video stream. The electronics support 1080/60p and RGB 4:4:4 recording. * **Timecode Circuits:** Internal generators and readers for LTC (Linear Timecode) to ensure synchronization in multi-camera setups. * **Control Bus:** A 20-pin remote connector allows the recorder to be triggered and monitored by the camera body. --- ### 3. Power Management The unit is designed for field use and features sophisticated power regulation: * **Input Voltage:** Typically operates on 11V to 17V DC. * **Battery Plate:** Integrated electronics to communicate with professional V-mount or Gold-mount batteries for capacity monitoring. * **Power Consumption:** Approximately 25W-30W during active 4:4:4 recording, requiring thermal management (internal fans and heat sinks). --- ### 4. Storage Media: SRMemory The most critical "part" is the **SRMemory Card**. Electronically, these are not standard flash drives; they feature: 1. **Massive Parallelism:** Multiple flash controllers working in tandem to achieve the bandwidth required for uncompressed 4:4:4 video. 2. **Error Correction Code (ECC):** Advanced hardware-level ECC to prevent data corruption during high-speed writes. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific technical differences between SR-Lite
    • ⤷ SQ
    • ⤷ and HQ recording modes?
    • ⤷ How does the SR-R1 handle 3D stereoscopic recording electronically?
    • ⤷ Which camera models are natively compatible with the SR-R1 docking interface?