Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SRP7030-R33M

  • AI
    ## Technical Overview: SRP7030-R33M The **SRP7030-R33M** is a high-current, shielded power inductor manufactured by **Bourns**. It is specifically designed for high-density power applications where low noise and high efficiency are critical. --- ### 1. Key Technical Specifications The model number provides specific details about its physical and electrical characteristics: | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 0.33 µH | | **Tolerance** | ±20% (indicated by 'M') | | **Case Size** | 7.3 x 6.6 x 3.0 mm (7030 series) | | **Irms (Heating Current)** | ~20.0 Amperes | | **Isat (Saturation Current)** | ~22.0 Amperes | | **DCR (DC Resistance)** | ~2.3 mΩ (Max) | | **Operating Temperature** | -45°C to +150°C | --- ### 2. Physical Composition and Design * **Core Material:** It uses a **metal alloy powder** core. Unlike traditional ferrite cores, metal powder provides a "soft" saturation characteristic, meaning the inductance drops gradually rather than abruptly as current increases. * **Shielding:** It is a **magnetically shielded** component. This minimizes Electromagnetic Interference (EMI) with surrounding components on the PCB. * **Construction:** The wire is molded directly into the metal powder body, which creates a rugged, vibration-resistant structure. --- ### 3. Application Use Cases This part is typically found in high-frequency DC/DC converters. Common applications include: 1. **Voltage Regulator Modules (VRMs):** Found in servers and high-end PCs. 2. **Consumer Electronics:** Power supplies for smartphones, tablets, and SSDs. 3. **Automotive:** (If AEC-Q200 qualified) Used in infotainment and driver assistance systems. 4. **Distributed Power Systems:** Point-of-Load (POL) converters. --- ### 4. Advantages & Disadvantages | Feature | Advantage | Disadvantage | | :--- | :--- | :--- | | **High Current** | Handles up to 20A in a small footprint. | High current leads to thermal dissipation needs. | | **Shielding** | Low EMI radiation. | Higher cost compared to non-shielded. | | **Low DCR** | Minimizes power loss (high efficiency). | Sensitive to extreme solder reflow temps. | --- ### 5. Identification Code Breakdown ```text SRP 7030 - R33 M | | | | | | | +-- Tolerance (M = ±20%) | | +------ Inductance Value (R33 = 0.33 µH) | +-------------- Dimensions (7.0mm x 3.0mm height approx) +-------------------- Series Name (Standard Shielded Inductor) ```
    ✨ Follow-up Questions
    • ⤷What is the difference between Irms and Isat for this inductor?
    • ⤷ Are there AEC-Q200 automotive grade versions of the SRP7030 series?
    • ⤷ What are the recommended PCB land patterns for the SRP7030 series?