Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SS-R1

  • AI
    The **Tascam SS-R1** is a professional-grade Solid State Recorder. Unlike traditional tape or CD recorders, it relies on digital circuitry to process audio and save it to CompactFlash (CF) media. Below is an overview of the key electronic components and architectural sections of the device. --- ### 1. Key Internal Sections | Section | Main Components | Function | | :--- | :--- | :--- | | **A/D & D/A Conversion** | High-end AKM or Cirrus Logic Codecs | Converts incoming analog signals to 24-bit digital data and vice-versa. | | **Digital Signal Processor (DSP)** | Integrated ICs | Handles real-time MP3/WAV compression, pitch control, and sample rate conversion. | | **Storage Interface** | CompactFlash (CF) Slot | The physical and electronic interface for non-volatile flash memory storage. | | **I/O Board** | Op-amps (e.g., JRC4580) | Buffers the balanced XLR and unbalanced RCA inputs/outputs. | | **Control Logic** | Microcontroller (MCU) | Manages the front panel display, RS-232C communication, and file system (FAT16/32). | --- ### 2. Detailed Component Breakdown #### A. Power Supply Unit (PSU) The SS-R1 uses a **Switching Mode Power Supply (SMPS)** or a regulated linear supply (depending on the specific revision) to provide multiple voltage rails: * **+5V / +3.3V:** For the digital logic, DSP, and CF card. * **±12V or ±15V:** For the operational amplifiers in the analog audio path to ensure high headroom and low noise. #### B. Analog Front-End The "sound" of the SS-R1 is defined by its analog stage. It typically utilizes: * **Balanced Line Receivers:** High-quality differential amplifiers for the XLR inputs. * **Coupling Capacitors:** Often electrolytic or film capacitors used to block DC offset from the audio signal. #### C. Connectivity Components The rear panel is electronically complex due to the variety of protocols supported: * **RS-232C Serial Port:** Uses a level-shifter IC (like a MAX232) to allow computer/automation control. * **Parallel Port (DB25):** For "fader start" or remote transport control using TTL logic levels. * **Digital I/O:** Coaxial S/PDIF transformers to provide galvanic isolation for digital audio signals. --- ### 3. Technical Specifications Summary | Feature | Specification | | :--- | :--- | | **Sampling Frequency** | 44.1kHz / 48kHz | | **Quantization** | 16/24-bit | | **Frequency Response** | 20Hz to 20kHz (±0.5dB) | | **Signal-to-Noise Ratio** | > 95dB | | **Total Harmonic Distortion** | < 0.005% | --- ### Common Maintenance Notes Over time, certain electronic parts may require attention: 1. **Electrolytic Capacitors:** In the power supply section, these may dry out, leading to hum or failure to boot. 2. **CF Pin Header:** The physical pins in the CF slot can bend if the card is forced, requiring microsoldering to replace the slot. 3. **Tactile Switches:** The front panel buttons may become intermittent and require cleaning or replacement.
    ✨ Follow-up Questions
    • ⤷ How do I troubleshoot a 'No Card' error on the SS-R1?
    • ⤷ What is the maximum CF card capacity supported by the SS-R1 firmware?
    • ⤷ Can the internal op-amps be upgraded for better audio quality?