Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SSL0605-R20YF

  • AI
    The **SSL0605-R20YF** is a specific electronic component, primarily categorized as a **Surface Mount (SMD) Power Inductor**. These components are widely used in power management circuits to store energy in a magnetic field and filter noise. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics: | Property | Value | Description | | :--- | :--- | :--- | | **Component Type** | Power Inductor | Used for energy storage and filtering. | | **Inductance** | 0.20 µH | Identified by the code "R20". | | **Tolerance** | ±25% | Identified by the "Y" suffix. | | **Form Factor** | 0605 | Approximately 6.0mm x 5.0mm (standardized size). | | **Mounting Type** | SMD/SMT | Surface Mount Technology. | | **Termination** | F | Lead-free (RoHS compliant) finish. | --- ### 2. Physical Characteristics The **SSL** series typically features an unshielded (or semi-shielded) wire-wound construction on a drum core. * **Core Material:** Ferrite, providing high permeability and efficiency at high frequencies. * **Winding:** Copper wire wound around the core, often coated with a protective resin. * **Dimensions:** Usually around **6.0 mm (L) x 5.0 mm (W) x 5.0 mm (H)**, though exact height can vary by manufacturer. --- ### 3. Key Electrical Behavior As a **0.20 µH** inductor, this part is designed for high-frequency switching environments. * **Low Inductance:** At 0.20 µH, this is considered a low-inductance part, suitable for high-speed DC-DC converters where fast transient response is required. * **Current Handling:** Due to its physical size, it is capable of handling relatively high saturation currents ($I_{sat}$) and temperature rise currents ($I_{rms}$), typically in the range of several Amperes. * **Low DCR:** It features low Direct Current Resistance (DCR), which minimizes power loss as heat. --- ### 4. Common Applications This component is typically found in the following circuits: 1. **Point of Load (POL) Converters:** Providing stable voltage to CPUs or FPGAs. 2. **DC-DC Step-Down (Buck) Converters:** Used in the output filter stage. 3. **Battery Powered Devices:** Laptops, tablets, and handheld electronics where space and efficiency are critical. 4. **Noise Suppression:** Filtering high-frequency electromagnetic interference (EMI) in power lines. ---
    ✨ Follow-up Questions
    • ⤷What is the typical saturation current for an inductor of this size?
    • ⤷ How does the 'Y' tolerance of 25% affect circuit performance?
    • ⤷ Can this inductor be used in high-temperature automotive applications?