Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SSL0705M-R10MF-R46

  • AI
    The **SSL0705M-R10MF-R46** is a surface-mount (SMD) power inductor commonly used in DC-DC converter circuits. It is designed to handle high currents while maintaining a low profile. --- ### 1. Component Specifications Based on the part numbering convention for this series (likely manufactured by brands like Sumida or similar magnetic component specialists), here are the technical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 0.10 µH (R10) | Very low inductance, suitable for high-frequency switching. | | **Tolerance** | ±20% (M) | Standard tolerance for power inductors. | | **Package Size** | 0705 | Dimensions approx. 7.8mm x 7.0mm x 5.0mm. | | **DC Resistance (DCR)** | Very Low | Minimal heat generation due to copper losses. | | **Mounting Type** | SMD/SMT | Surface Mount Technology for automated assembly. | --- ### 2. Breakdown of the Part Number The alphanumeric code provides specific data about the physical and electrical build: * **SSL**: Series Prefix (Shielded/Unshielded Power Inductor series). * **0705**: Dimensions (typically 7.0mm width and 5.0mm height). * **M**: Tolerance code (M = ±20%). * **R10**: Inductance value (R denotes decimal; 0.10 microhenries). * **MF**: Core material or specific manufacturing process (often Metal Flat or Ferrite). * **R46**: Revision code or specific current rating suffix. --- ### 3. Key Applications Because of its **low inductance (0.10µH)** and **high current capability**, this part is typically used in: 1. **Voltage Regulator Modules (VRMs):** Found on motherboards and server cards. 2. **Point of Load (POL) Converters:** Providing stable power to CPUs or GPUs. 3. **High-Frequency DC-DC Converters:** Where switching frequencies are high enough to allow small inductance values. 4. **Battery Powered Devices:** To manage power distribution efficiently with minimal energy loss. --- ### 4. Comparison Table: Low Inductance vs. High Inductance | Feature | SSL0705M-R10 (Low Inductance) | High Inductance (e.g., 100µH) | | :--- | :--- | :--- | | **Switching Speed** | Supports High Frequency | Supports Low Frequency | | **Current Ripple** | Higher Ripple | Lower Ripple | | **Physical Size** | Generally smaller for the same current | Generally larger | | **Transient Response** | Faster response to load changes | Slower response |
    ✨ Follow-up Questions
    • ⤷ What is the saturation current (Isat) rating for the SSL0705 series?
    • ⤷ Can this inductor be used in high-temperature automotive environments?
    • ⤷ What are the recommended soldering profile settings for this SMD part?