Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SSL0804HC-R33M-S

  • AI
    The **SSL0804HC-R33M-S** is a high-current, surface-mount (SMD) power inductor typically used in DC-DC converter circuits. It is designed to handle high saturation currents while maintaining a compact footprint. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the component's physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **SSL** | Series Name | High-current shielded power inductor series. | | **0804** | Dimensions | Approx. 8mm x 8mm footprint (height approx. 4mm). | | **HC** | High Current | Indicates high saturation current capabilities. | | **R33** | Inductance Value | **0.33 µH** (R denotes the decimal point). | | **M** | Tolerance | **±20%** inductance tolerance. | | **S** | Packaging/Finish | Usually denotes Lead-Free/RoHS compliant shielding. | --- ### 2. Key Technical Specifications Based on standard industry data for this series, the electrical properties are generally as follows: * **Inductance:** 0.33 µH * **DC Resistance (DCR):** Extremely low (typically < 5 mΩ), which minimizes power loss and heat generation. * **Saturation Current ($I_{sat}$):** The current at which inductance drops by 20-30%. For this specific part, it is typically very high (often > 20A). * **Operating Temperature:** Generally rated from -40°C to +125°C. * **Construction:** Magnetic shielding to reduce Electromagnetic Interference (EMI). --- ### 3. Applications and Use Cases Because of its low inductance and high current handling, this part is ideal for: 1. **Voltage Regulator Modules (VRMs):** Found on motherboards and server cards to power CPUs/GPUs. 2. **Point of Load (POL) Converters:** Used to step down voltage for high-speed FPGAs and ASICs. 3. **Battery Powered Devices:** High efficiency due to low DCR helps extend battery life. 4. **Automotive Electronics:** Used in infotainment and driver assistance systems (if AEC-Q200 qualified). --- ### 4. Comparison with Standard Inductors Compared to a standard 0.33 µH inductor, the "HC" (High Current) version offers several advantages: | Feature | Standard Inductor | SSL0804HC Version | | :--- | :--- | :--- | | **Core Material** | Ferrite | Iron Powder or specialized alloy | | **Saturation Profile** | Sharp drop in inductance | "Soft" saturation (better stability) | | **EMI Shielding** | Often unshielded | Fully shielded | | **Footprint** | Larger for same current | High power density (small size) | ---
    ✨ Follow-up Questions
    • What is the typical saturation current for the SSL0804HC-R33M-S?
    • Can this inductor be used in high-frequency switching power supplies above 1MHz?
    • What are the recommended PCB landing patterns for an 0804 size inductor?