Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SSL1005-R10MF

  • AI
    The **SSL1005-R10MF** is a surface-mount (SMD) power inductor commonly used in compact electronic circuits for power management. Below is a detailed breakdown of its technical specifications and characteristics. --- ### 1. General Specifications The part number typically follows a standard naming convention where "SSL1005" refers to the series and size, and "R10M" refers to the inductance value and tolerance. | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Power Inductor (SMD) | | **Inductance** | 0.10 µH (Microhenries) | | **Tolerance** | ±20% (indicated by 'M') | | **Package Size** | 1005 Metric (approx. 1.0mm x 0.5mm) | | **Material Core** | Ferrite or Metal Alloy (application dependent) | --- ### 2. Key Technical Attributes #### A. Inductance Value (R10) The code **R10** translates to **0.10 µH**. - In inductor marking, 'R' acts as a decimal point. - Low inductance values like this are typically used in high-frequency switching regulators (DC-DC converters). #### B. Tolerance (M) The letter **M** stands for a standard tolerance of **±20%**. This means the actual inductance of the component can range from 0.08 µH to 0.12 µH. #### C. Physical Form Factor The **1005** designation usually refers to the metric footprint: - **Length:** 1.0 mm - **Width:** 0.5 mm - This is extremely small (equivalent to 0402 in Imperial units), making it ideal for mobile phones, wearables, and miniaturized IoT devices. --- ### 3. Common Applications Due to its low inductance and small size, the SSL1005-R10MF is primarily used in: 1. **DC-DC Converters:** Helping to step down voltage in high-frequency power modules. 2. **Noise Filtering:** Acting as a low-pass filter to remove high-frequency noise from power lines. 3. **Smartphones/Tablets:** Used in PMICs (Power Management Integrated Circuits) where PCB space is at a premium. 4. **RF Modules:** Decoupling and matching circuits. --- ### 4. Selection Considerations When designing with this part, engineers must look at the datasheet for these specific electrical limits: * **Isat (Saturation Current):** The current level where inductance drops by a specific percentage. * **Irms (Rated Current):** The maximum continuous current the inductor can handle before overheating. * **DCR (DC Resistance):** Lower resistance is preferred to minimize power loss as heat.
    ✨ Follow-up Questions
    • ⤷ What is the maximum rated current (Irms) for the SSL1005-R10MF?
    • ⤷ Can this inductor be used in high-temperature automotive environments?
    • ⤷ What are the recommended reflow soldering profiles for 1005 size inductors?