Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SSL210

  • AI
    The **SSL2101** (often referred to as the SSL210 series) is an integrated circuit (IC) developed by NXP Semiconductors. It is a highly integrated **Switched Mode Power Supply (SMPS) controller** specifically designed to drive LED lamps from a rectified mains voltage. Below is a detailed breakdown of its electronic components, features, and typical application structure. --- ### 1. Key Internal Components The SSL2101 integrates several high-voltage components that are usually discrete in other designs: | Component | Function | | :--- | :--- | | **Integrated MOSFET** | A high-voltage power switch (typically rated up to 650V) that handles the power switching. | | **Bleeder Circuit** | Internal circuitry that provides a load to the dimmer during low-phase angles to prevent flickering. | | **Valley Detector** | Detects the minimum voltage across the MOSFET to trigger switching (Zero Voltage Switching), improving efficiency. | | **Start-up JFET** | Allows the IC to power itself directly from the rectified mains, eliminating the need for an external start-up resistor. | | **Control Logic** | Manages the Pulse Width Modulation (PWM) or Pulse Frequency Modulation (PFM) for dimming. | --- ### 2. Functional Characteristics The SSL2101 is unique because it combines **dimmability** with high-voltage integration. * **Dimmer Compatibility:** It supports both Leading-edge (Triac) and Trailing-edge dimmers. * **Operating Modes:** It can operate in **Boundary Conduction Mode (BCM)**, which reduces switching losses. * **Protection Suites:** * Under-Voltage Lockout (UVLO). * Over-Temperature Protection (OTP). * Short-Winding Protection (SWP). * Over-Current Protection (OCP). --- ### 3. Typical Application Circuit In a standard LED bulb, the SSL2101 acts as the "brain" and "muscle." The electronic setup usually follows this flow: #### A. Input Stage * **Fuse & MOV:** For surge and overcurrent protection. * **Bridge Rectifier:** Converts AC mains to pulsating DC. * **EMI Filter:** Inductors and capacitors to prevent high-frequency noise from feeding back into the power grid. #### B. Conversion Stage (Buck or Flyback) The SSL2101 can be configured in two main topologies: 1. **Non-isolated Buck:** Cheaper, smaller, but the output is not isolated from the mains. 2. **Isolated Flyback:** Uses a transformer; safer because the LEDs are electrically isolated from the high voltage. #### C. Feedback Loop * A sense resistor ($R_{sense}$) monitors the current through the LEDs. * This signal is fed back to the `ISENSE` pin of the SSL2101 to maintain a constant current, ensuring the LEDs don't overheat. --- ### 4. Pin Configuration (SO16 Package) The most common package for the SSL2101 is the SO16. Key pins include: | Pin Name | Description | | :--- | :--- | | **DRAIN** | Connected to the internal high-voltage MOSFET. | | **SOURCE** | The ground reference for the power switch. | | **VCC** | Supply voltage pin for the internal logic. | | **PWMTIME** | Sets the timing for the dimming curve. | | **ISENSE** | Current sensing input to regulate LED brightness. | --- ### 5. Summary Table: Why use SSL2101? | Feature | Benefit | | :--- | :--- | | **Integration** | Reduces the Bill of Materials (BOM) count, saving PCB space. | | **Efficiency** | Built-in valley switching reduces heat generation. | | **Dimming** | Logarithmic dimming curve mimics traditional incandescent bulbs. | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the SSL2101 and the SSL2108 series?
    • ⤷ How do you calculate the sense resistor value for a specific LED current?
    • ⤷ Can the SSL2101 be used in a non-dimmable application?