Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SSL210A

  • AI
    ### Overview of the SSL2101 / SSL2102 Series The **SSL2101** (often referred to in the context of SSL210A) is a highly integrated Deep Dimming IC designed for high-voltage LED lighting applications. It is a Switched Mode Power Supply (SMPS) controller specifically optimized for dimmable LED lamps. --- ### Key Specifications & Components Below is a technical breakdown of the electronic characteristics and internal components of the IC: | Feature | Description | | :--- | :--- | | **Input Voltage** | High voltage mains (85V to 276V AC) | | **Integrated Switch** | Built-in 650V Power MOSFET | | **Topology** | Supports both Flyback and Buck configurations | | **Dimming Range** | Deep dimming capability down to 1% | | **Protection** | Thermal Shading, Overvoltage (OVP), and Short-circuit (SCP) | --- ### Internal Electronic Block Diagram The IC integrates several critical stages into a single SO16 package: 1. **HV Start-up Current Source**: Allows the IC to power up directly from the rectified mains voltage, eliminating the need for bulky external resistors. 2. **Controller Core**: A pulse-width modulator (PWM) that adjusts the duty cycle to maintain constant current to the LEDs. 3. **Dimmer Detection**: Internal logic that monitors the conduction angle of TRIAC or transistor dimmers to adjust the light output accordingly. 4. **Bleeder Circuitry**: Integrated logic to ensure the TRIAC dimmer stays above its holding current, preventing flickering. --- ### Typical External Parts To build a complete driver using the SSL210A series, the following external components are required: #### 1. Magnetic Components * **Transformer/Inductor**: Used for energy storage and isolation (in flyback mode). It must be designed to handle the peak currents without saturating. #### 2. Input Stage * **Bridge Rectifier**: Converts AC mains to pulsating DC. * **EMI Filter**: Typically an LC filter (Inductor + Capacitor) to reduce electromagnetic interference. #### 3. Feedback Loop * **Optocoupler**: Used in isolated designs to provide feedback from the LED side to the IC's control pin. * **Sense Resistor ($R_{sense}$)**: A low-ohm resistor used to measure the current flowing through the LEDs. --- ### Pin Configuration (SO16 Package) The most critical pins for circuit design are: * **DRAIN**: Connection to the internal high-voltage MOSFET. * **SOURCE**: Current sensing pin. * **VCC**: Supply voltage for the internal logic (usually buffered by a small capacitor). * **PWMTRIAC**: Input pin used to detect the phase-cut angle of the wall dimmer. --- ### Summary of Advantages * **Compactness**: High integration reduces the Bill of Materials (BOM) count. * **Efficiency**: Valley switching technology reduces switching losses in the MOSFET. * **Dimming Compatibility**: High compatibility with both leading-edge and trailing-edge dimmers.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the SSL2101 and SSL2102 variants?
    • ⤷ Can you provide a basic schematic for a flyback configuration using this IC?
    • ⤷ How does the 'Thermal Shading' feature protect the LED driver?