Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SSM2306CPZ-R2

  • AI
    The **SSM2306CPZ-R2** is a high-performance, dual-channel (stereo), Class-D audio amplifier manufactured by Analog Devices. It is specifically designed for mobile and battery-powered applications where power efficiency and space are critical. --- ## 1. Technical Specifications The following table summarizes the primary electrical characteristics of the SSM2306CPZ-R2: | Feature | Specification | | :--- | :--- | | **Amplifier Class** | Class-D | | **Number of Channels** | 2 (Stereo) | | **Output Power** | 2.4 W into 4 $\Omega$ (at 5.0 V) | | **Supply Voltage Range** | 2.5 V to 5.5 V | | **Efficiency** | >90% at 1.4 W into 8 $\Omega$ | | **Signal-to-Noise Ratio (SNR)** | 98 dB | | **Package Type** | 16-lead LFCSP (3mm x 3mm) | | **Operating Temperature** | -40°C to +85°C | --- ## 2. Key Electronic Features ### A. Filterless Sigma-Delta Modulation The SSM2306 utilizes a spread-spectrum, 3-level Sigma-Delta ($\Sigma\Delta$) modulation scheme. This design allows the device to drive speakers directly without the need for bulky external LC (Inductor-Capacitor) filters, significantly reducing the BOM (Bill of Materials) cost and PCB footprint. ### B. Low Electromagnetic Interference (EMI) Thanks to its spread-spectrum technology, the device spreads the energy of the switching frequency across a wider band. This minimizes peak radiation and helps the system meet strict EMI regulations without additional shielding. ### C. Power Management * **Low Quiescent Current:** It draws only 3.6 mA at 3.6 V, extending battery life. * **Shutdown Mode:** In shutdown, the current consumption drops to less than 1 µA. * **Pop-and-Click Suppression:** Integrated circuitry prevents audible noise during power-up and power-down cycles. --- ## 3. Typical Application Circuit The SSM2306 requires minimal external components. A typical setup involves input capacitors and bypass capacitors for the power supply. ```c // Pseudo-Representation of Pin Connections [Input L] ---||--- (INL) (VDD) --- [3.3V/5V Source] [Input R] ---||--- (INR) (GND) --- [System Ground] SSM2306 [OUT L+] ---------- [Speaker Left +] [OUT L-] ---------- [Speaker Left -] [OUT R+] ---------- [Speaker Right +] [OUT R-] ---------- [Speaker Right -] ``` --- ## 4. Common Use Cases * **Mobile Handsets:** Smart phones and cellular feature phones. * **Portable Media Players:** MP3/MP4 players and handheld gaming consoles. * **Computing:** Netbooks, tablets, and portable docking stations. * **IoT Devices:** Smart speakers or voice-enabled home assistants.
    ✨ Follow-up Questions
    • ⤷ What are the advantages of Class-D amplifiers over Class-AB in portable electronics?
    • ⤷ How does filterless modulation reduce the size of the PCB?
    • ⤷ What is the role of the 'Shutdown' pin in this specific IC?