Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SSM2604CPZ-R2

  • AI
    ## Overview of the SSM2604CPZ-R2 The **SSM2604CPZ-R2** is a high-performance, low-power, high-quality **Stereo Audio Codec** manufactured by Analog Devices. It is specifically designed for portable digital audio applications where power consumption and physical size are critical constraints. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. | | **Type** | Stereo Audio Codec (ADC & DAC) | | **Resolution** | 24-bit | | **Sampling Rate** | 8 kHz to 96 kHz | | **Signal-to-Noise Ratio (SNR)** | 100 dB (DAC), 90 dB (ADC) | | **Operating Voltage** | 1.8V to 3.6V (Digital), 2.7V to 3.6V (Analog) | | **Package** | 20-Lead LFCSP (4mm x 4mm) | | **Power Consumption** | < 5mW (Playback mode) | --- ### 2. Functional Components The chip integrates several essential electronic stages to manage audio signals: #### A. Analog-to-Digital Converter (ADC) * Converts analog input (line-in or microphone) into a digital 24-bit data stream. * Features multi-bit sigma-delta architecture. * Includes a programmable gain amplifier to adjust input levels. #### B. Digital-to-Analog Converter (DAC) * Converts digital audio back into high-fidelity analog signals. * Utilizes oversampling techniques to minimize noise. * Includes digital volume control and soft-mute functions. #### C. Audio Interfaces * **I2S / Left-Justified / Right-Justified:** Standard formats for transmitting audio data. * **DSP Mode:** Specific mode for interfacing with Digital Signal Processors. #### D. Control Interface * **I2C or SPI:** Used for configuring internal registers (volume, power management, sampling rates). --- ### 3. Pinout Categories The 20-lead LFCSP package categorizes pins into functional blocks: 1. **Power Supply:** `AVDD` (Analog), `DVDD` (Digital), `PVDD` (PLL/Digital). 2. **Analog I/O:** `LHPOUT`/`RHPOUT` (Headphone outputs), `LLINEIN`/`RLINEIN` (Line inputs). 3. **Digital Audio:** `BCLK` (Bit Clock), `PCLK` (Master Clock), `SDATIN`/`SDATOUT` (Data lines). 4. **Control:** `SCLK`, `SDIN`, `CSB` (Control interface selection). --- ### 4. Application Areas Because of its low power profile, the SSM2604 is commonly found in: * **Portable Media Players:** MP3/MP4 players. * **Handheld Gaming:** Consoles and controllers. * **Communication Devices:** Mobile phones and VoIP hardware. * **Voice Recorders:** High-quality digital dictation devices. --- ### 5. Implementation Example (Pseudo-Code) To initialize the device via I2C, a typical register write sequence might look like this: ```c // Example: Resetting the device and setting volume I2C_Write(SSM2604_ADDR, RESET_REG, 0x00); // Reset chip I2C_Write(SSM2604_ADDR, PWR_MGMT, 0x00); // Power up all sections I2C_Write(SSM2604_ADDR, LEFT_HP_VOL, 0x79); // Set Left Headphone Volume I2C_Write(SSM2604_ADDR, RIGHT_HP_VOL, 0x79); // Set Right Headphone Volume I2C_Write(SSM2604_ADDR, DIGITAL_PATH, 0x01); // Enable DAC high-pass filter ```
    ✨ Follow-up Questions
    • ⤷What are the primary differences between the SSM2604 and the SSM2603?
    • ⤷ How do I calculate the external clock requirements for a 48kHz sample rate?
    • ⤷ Can the SSM2604 drive low-impedance headphones directly without an external amp?