Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SSR-R25DA-H

  • AI
    The **SSR-25DA-H** is a high-voltage Solid State Relay (SSR). Unlike traditional mechanical relays, it uses semiconductor switching (Opto-couplers and TRIACs/Thyristors) to control a high-power load without moving parts. The model suffix "**H**" specifically denotes a **High-Voltage** version, typically rated for up to 480VAC on the output side. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Model** | SSR-25DA-H | | **Switching Type** | Zero Cross (typically) | | **Rated Load Current** | 25 Amperes | | **Input Control Voltage** | 3 - 32 VDC | | **Output Load Voltage** | 90 - 480 VAC | | **Control Current** | 5 - 20 mA | | **Response Time** | ≤ 10 ms | | **Dielectric Strength** | 2500 VAC | --- ### 2. Internal Electronic Components An SSR is composed of three primary functional stages: #### A. Input Circuit (Control Side) * **LED Indicator:** A small LED on the casing that lights up when control voltage (3-32VDC) is applied. * **Current Limiting Resistor:** Protects the internal optoisolator from excessive current. * **Optoisolator (Optical Coupling):** This is the most critical part. It uses an internal LED and a light-sensitive transistor to transfer the signal. This provides **Galvanic Isolation**, ensuring the high-voltage AC side never leaks back into the low-voltage DC controller (like an Arduino or PLC). #### B. Trigger Circuit * **Zero-Cross Detection:** Most "DA" series relays include a circuit that waits for the AC sine wave to pass through zero volts before switching "ON." This minimizes electrical noise (EMI) and surges. #### C. Output Circuit (Switching Side) * **TRIAC or Back-to-Back Thyristors (SCRs):** These are the power semiconductors that handle the 25A load. Because they have internal resistance, they generate heat during operation. * **Snubber Circuit (RC Network):** An internal resistor and capacitor connected in parallel with the output to protect the device from voltage spikes ($dv/dt$) caused by inductive loads like motors. --- ### 3. Connection Diagram (General) ```text [ Control Side ] [ Load Side ] (3-32VDC Source) (90-480VAC Source) | | [Pin 3: (+)] ------------------- [Pin 1: (L1)] | | [Pin 4: (-)] [ LOAD ] | [Pin 2: (T1)] ``` --- ### 4. Thermal Management Because the SSR-25DA-H is a semiconductor device, it experiences a voltage drop (approx. 1.2V to 1.6V) across its output terminals. * **Calculation:** At 25A, it generates roughly $25 \times 1.5 = 37.5 \text{ Watts}$ of heat. * **Requirement:** A **Heat Sink** is mandatory for loads exceeding 5-8 Amperes. Thermal paste should be used between the SSR baseplate and the heatsink. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'DA' and 'AA' models in SSRs?
    • ⤷ How do I calculate the heat sink size required for a 20A load?
    • ⤷ Can the SSR-25DA-H be used to control a DC load instead of AC?