Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SSR-RACK24

  • AI
    The **SSR-RACK24** is a professional-grade interface board designed to house and control up to 24 individual Solid State Relays (SSRs). It acts as a bridge between low-power control logic (like a PLC, DAQ board, or Microcontroller) and high-power industrial loads. --- ## 1. Core Component Specifications The rack itself is a passive PCB interface, but its performance depends on the modules installed. It typically supports **G5 series** or standard **SIP-style** SSRs. | Feature | Specification (Typical) | | :--- | :--- | | **Number of Channels** | 24 Independent Channels | | **Logic Voltage** | 5V DC (Common) or 12V/24V (Version dependent) | | **Output Type** | AC (Triac/SCR) or DC (Mosfet/Transistor) | | **Input Connection** | 50-pin Header (Compatible with OPTO-22 standard) | | **Mounting** | DIN-rail or Standoffs | --- ## 2. Key Electronic Sections ### A. The Input Interface (Control Side) * **50-Pin Header:** Most SSR-RACK24 units use a standard 50-pin ribbon cable connector. This is pin-compatible with many industrial data acquisition boards (like those from National Instruments or Advantech). * **Logic Ground/VCC:** The rack provides a common bus for the control voltage, allowing you to trigger relays by pulling the signal line low (Active Low) or high (Active High). ### B. The Relay Sockets * **Replaceable Modules:** Unlike integrated boards, the SSRs are plugged into sockets. If one channel fails due to a short circuit, you only replace the single SSR module, not the entire rack. * **Isolation:** The primary electronic advantage is **Optical Isolation**. There is no physical electrical connection between the 50-pin control header and the high-voltage output terminals. ### C. Protection and Feedback * **LED Indicators:** Each of the 24 channels features a dedicated LED. This allows for instant visual debugging to see which control signals are active. * **Fusing:** High-quality racks include a socket for a 5x20mm or similar fuse on every output channel to protect the PCB traces and the SSR from overcurrent. --- ## 3. Wiring Configuration | Component | Function | | :--- | :--- | | **Field Terminals** | Screw terminals for connecting the Load and the Power Line. | | **Barrier Strips** | Physical plastic barriers between terminals to prevent accidental arching or shorts between high-voltage lines. | | **Logic Header** | Connection to the Microcontroller/PLC. | --- ## 4. Example Application Code If you were controlling the first channel of the rack using an Arduino-style microcontroller, the logic would look like this: ```cpp const int SSR_Channel_1 = 2; // Connected to Pin 1 of the Rack void setup() { pinMode(SSR_Channel_1, OUTPUT); } void loop() { digitalWrite(SSR_Channel_1, HIGH); // Turn ON the high-power load delay(5000); digitalWrite(SSR_Channel_1, LOW); // Turn OFF the high-power load delay(5000); } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the compatible SSR module types for this specific rack?
    • ⤷ How do I wire a common ground versus a common VCC on the 50-pin header?
    • ⤷ What is the maximum current rating per channel for the PCB traces?