Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ST300C..C

  • AI
    The **ST300C..C** series refers to a family of high-power **Phase Control Thyristors (SCRs)** manufactured by Vishay (formerly International Rectifier). These components are designed for industrial applications requiring high current switching and precise voltage control. --- ## 1. Technical Specifications The "ST300C" designates the average current rating, while the trailing "C" usually refers to the package type (Press-pak/Hockey Puk). | Parameter | Typical Value | |:---|:---| | **$I_{T(AV)}$** (Average On-State Current) | 650 A @ $T_C = 55^\circ C$ | | **$V_{DRM}/V_{RRM}$** (Voltage Range) | 400V to 2000V | | **$I_{TSM}$** (Max Peak Surge Current) | ~9000 A (at 50Hz) | | **$V_{TM}$** (Max On-state Voltage) | ~1.52 V | | **Package Style** | TO-200AB (A-PUK) | --- ## 2. Key Internal Characteristics The ST300C series is built using a diffusion process to ensure robust thermal and electrical performance: ### A. Gate Triggering These devices are "Phase Control" thyristors, meaning they are turned on by a small current pulse to the **Gate** terminal and remain conductive until the current through the Anode-Cathode falls below the holding current ($I_H$). ### B. Thermal Management Because these parts handle hundreds of amperes, they utilize a **Press-pak** design. * **Double-side cooling:** The internal silicon wafer is sandwiched between two metal surfaces. * **Pressure dependency:** The device must be clamped under specific mechanical pressure (approx. 5KN to 11KN) to ensure proper electrical contact and heat dissipation. ### C. Dynamic Features * **$dv/dt$:** High immunity to false triggering from rapid voltage changes. * **$di/dt$:** Capability to handle fast rises in current upon turn-on. --- ## 3. Application Use Cases Due to their high power density, the ST300C..C series is commonly found in: 1. **Industrial Motor Drives:** Controlling the speed of large DC motors. 2. **AC/DC Converters:** High-power rectification for electroplating or electrolysis. 3. **Soft Starters:** Reducing inrush current in heavy machinery. 4. **Welding Power Supplies:** Managing high-current output for industrial welders. --- ## 4. Connection Diagram (Schematic View) The terminal configuration for the TO-200AB package is as follows: ```text [ ANODE ] (Top/Bottom Plate) | v /----|----\ | [SCR] |--- [ GATE ] (Small Lead) \----|----/ | [CATHODE] (Top/Bottom Plate) ```
    ✨ Follow-up Questions
    • ⤷ What is the required mounting force for the TO-200AB package?
    • ⤷ How do I calculate the gate trigger requirements for this thyristor?
    • ⤷ What is the difference between the ST300C and the ST303C versions?