Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • STB17-R-1

  • AI
    ### STB17-R-1 Overview The **STB17-R-1** is a specialized electronic component, typically categorized as a **surface-mount spring terminal** or a **shield finger (EMI contact)**. These parts are critical in modern electronics for providing grounding, shielding, and small-scale electrical connections without the need for manual soldering or wiring. --- ### Technical Specifications & Design The device is engineered to maintain a reliable electrical connection between a Printed Circuit Board (PCB) and an external housing or another PCB. | Feature | Description | | :--- | :--- | | **Material** | Usually Beryllium Copper (BeCu) or Stainless Steel with Gold/Nickel plating. | | **Mounting Type** | Surface Mount Technology (SMT / SMD). | | **Contact Force** | Designed for specific compression ranges to ensure low resistance. | | **Plating** | Gold (Au) is common to prevent oxidation and ensure high conductivity. | | **Application** | EMI Shielding, Grounding, Antenna feeds. | --- ### Core Electronic Functions The STB17-R-1 serves three primary roles in an electronic assembly: 1. **EMI/RFI Shielding:** It acts as a bridge between the PCB ground plane and a metal shield can or the device's chassis. This prevents electromagnetic interference from escaping the device or entering sensitive circuits. 2. **Grounding Path:** Provides a low-impedance path to the ground, which is essential for discharging static (ESD) and maintaining signal integrity in high-frequency applications. 3. **Interconnect/Battery Contact:** In some designs, these spring terminals are used as contacts for removable modules or small batteries, providing a flexible connection that compensates for mechanical tolerances. --- ### Advantages of the STB17 Series * **Automated Assembly:** Supplied on tape and reel, allowing high-speed pick-and-place machines to install them. * **Mechanical Flexibility:** The "spring" nature allows it to absorb vibrations and maintain contact even if the device is dropped or shaken. * **Space Efficient:** Occupies a very small footprint on the PCB compared to traditional wire-to-board connectors. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific physical dimensions of the STB17-R-1?
    • ⤷ Which manufacturers produce the STB17-R-1 series?
    • ⤷ What is the recommended solder reflow profile for these spring contacts?