Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • STD03Y-R

  • AI
    The **STD03Y-R** is a specific identification marker used for cable and wire management, manufactured by **TE Connectivity** (under the Raychem brand). It belongs to the **STD (Snap-On)** series, designed for easy application to wires after termination. --- ### 1. Technical Specifications The part number is coded to represent specific physical and functional characteristics: | Feature | Detail | | :--- | :--- | | **Series** | STD (Snap-On Marker) | | **Size Code** | 03 (Fits outer diameters of 1.90mm to 2.60mm) | | **Color** | Yellow (Industry standard for most identification) | | **Marking** | The letter **"R"** | | **Material** | Polyoxymethylene (POM / Acetal) | | **Operating Temp** | -40°C to +106°C | --- ### 2. Physical Design & Application Unlike heat-shrink sleeves, the STD03Y-R is an "open" clip marker. * **Side-Entry Mechanism:** It features a C-shaped profile that allows it to be snapped onto a wire without disconnecting the terminal. * **Grip System:** The internal design has a "chevron" or "expander" shape that locks the markers together in a line, ensuring the text remains aligned. * **Wand Compatibility:** These markers are usually supplied on an application wand (applicator) which allows the user to slide the marker directly onto the wire quickly. --- ### 3. Key Advantages in Electronics Using the STD03Y-R provides several benefits in industrial and electronic assembly: 1. **Retrofitting:** Ideal for maintenance where wires are already connected to a PCB or terminal block. 2. **Chemical Resistance:** The Acetal material is resistant to oils, cleaning solvents, and common industrial fluids. 3. **Vibration Resistance:** The snap-on design is engineered to grip the insulation tightly, preventing the marker from sliding or rotating under mechanical stress. --- ### 4. Part Number Breakdown If you are looking for similar parts, the nomenclature follows this logic: * **STD**: Snap-on Series. * **03**: The diameter size (03 = 1.9mm - 2.6mm). * **Y**: Yellow background color. * **R**: The character printed on the marker.
    ✨ Follow-up Questions
    • ⤷ What are the alternative sizes available for the STD series markers?
    • ⤷ How does the chemical resistance of POM material affect its use in automotive environments?
    • ⤷ Are there different color codes for these markers according to international standards?