Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • STD09W-R

  • AI
    The **STD09W-R** is a specific type of identification marker used in electrical and electronic assemblies. It belongs to the **STD (Snap-on) series** manufactured by TE Connectivity (Raychem). --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and functional characteristics: | Feature | Specification | Description | |:---|:---|:---| | **Series** | STD | Snap-on identification markers | | **Size Code** | 09 | Fits wire diameters from 3.2mm to 4.5mm | | **Color** | W (White) | Base color of the marker | | **Marking** | R | The character printed on the marker | | **Material** | POM | Polyoxymethylene (Acetal) | | **Temperature** | -40°C to +106°C | Operating range | --- ### 2. Key Physical Features * **Snap-on Design:** Unlike heat-shrink tubing, these are designed to be "snapped" onto wires that are already terminated or connected. * **Grip Mechanism:** The internal profile is shaped like a "chevron" or "C-clip" to ensure the marker stays aligned and does not rotate or slide easily once installed. * **Expandability:** The POM material allows the marker to flex open and grip tightly onto the insulation of the wire. --- ### 3. Application Use Cases The STD09W-R is primarily used for **Wire Management** and **Circuit Identification**: 1. **Industrial Control Panels:** Labeling phase wires or signal lines for maintenance. 2. **Telecommunications:** Identifying specific cables in high-density racks. 3. **Repair/Retrofitting:** Because they snap on, they are ideal for adding identification to existing systems without disconnecting the wiring. --- ### 4. Installation Method These markers are typically applied using a specialized **applicator tool** (often a small plastic wand). 1. The markers are loaded onto the wand. 2. The wand is pressed against the wire. 3. The marker is pushed off the wand and "snaps" over the wire circumference. ---
    ✨ Follow-up Questions
    • ⤷What are the alternative sizes available in the STD series?
    • ⤷ Is the STD09W-R resistant to chemicals or UV exposure?
    • ⤷ What is the difference between the STD and the STB series markers?