Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • STD09Y-R

  • AI
    The **STD09Y-R** is a specific type of industrial identification marker, commonly used in electrical engineering and electronics to label wires and cables. It belongs to the **STD (Snap-On)** series produced by manufacturers like **TE Connectivity (Raychem)**. --- ## 1. Technical Specifications The part number "STD09Y-R" is a coded string that defines the physical and functional characteristics of the marker. | Feature | Specification | Description | | :--- | :--- | :--- | | **Marker Size** | 09 | Designed for wire diameters typically between **3.25mm to 4.50mm**. | | **Material** | Modified Polyolefin | Low fire hazard, resistant to chemicals and UV. | | **Color** | Yellow (Y) | High visibility background for industrial environments. | | **Legend** | "R" | The specific character printed on the marker. | | **Mounting Type** | Snap-On | Can be applied after termination (no need to disconnect wires). | --- ## 2. Key Features & Construction The STD09Y-R is engineered for durability in harsh electrical cabinets or machinery. ### A. Material Properties * **Zero Halogen:** Does not emit toxic gases if exposed to fire. * **Expansion Grip:** The "C" shape profile allows it to grip the wire insulation firmly, preventing it from sliding or rotating. * **Pre-Lubricated:** Often features a side-cut design that allows the applicator wand to snap it onto the cable effortlessly. ### B. Application Method Unlike heat-shrink sleeves, the STD09Y-R uses a **Snap-On mechanism**: 1. The marker is held on a plastic applicator wand (usually supplied in strips). 2. The wand is pressed against the wire. 3. The marker expands and "snaps" over the wire circumference. --- ## 3. Usage in Electronic Systems The primary role of this part is **Cable Management and Troubleshooting**. * **Logic Sorting:** Used in control panels to identify signal lines (e.g., "R" might stand for a specific phase, Reset line, or a Relay connection). * **Maintenance:** Allows technicians to identify wires without referring constantly to a schematic. * **Standardization:** Ensures compliance with industrial labeling standards (like UL or IEC) for wiring identification. --- ## 4. Comparison with Other Sizes To ensure you have the correct part, compare the "09" size with other common variants in the STD series: | Series | Wire Diameter Range (mm) | Typical AWG | | :--- | :--- | :--- | | STD03 | 1.90 - 2.60 | 22 - 18 AWG | | STD06 | 2.60 - 3.50 | 18 - 14 AWG | | **STD09** | **3.25 - 4.50** | **14 - 10 AWG** | | STD12 | 4.50 - 6.00 | 10 - 6 AWG |
    ✨ Follow-up Questions
    • ⤷ What is the temperature rating for the STD09Y-R material?
    • ⤷ Are there different color options available for the 'R' legend in this series?
    • ⤷ How many markers are typically included in a single standard pack of STD09?