Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • STD12NF06LT4...

  • AI
    ## Technical Overview: STD12NF06LT4 The **STD12NF06LT4** is an N-channel Power MOSFET designed using STMicroelectronics' proprietary "STripFET™" process. It is specifically engineered to minimize input capacitance and gate charge, making it ideal for high-efficiency switching applications. --- ### 1. Key Specifications The following table summarizes the primary electrical characteristics of the device: | Parameter | Symbol | Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 60 V | | **Continuous Drain Current** | $I_D$ | 12 A | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | < 0.10 $\Omega$ (typ. 0.08 $\Omega$) | | **Gate Threshold Voltage** | $V_{GS(th)}$ | 1 V to 2.5 V (Logic Level) | | **Total Gate Charge** | $Q_g$ | 7.5 nC (typ) | | **Package** | - | DPAK (TO-252) | --- ### 2. Core Features * **Logic Level Drive:** The low gate threshold voltage ($V_{GS(th)}$) allows the MOSFET to be driven directly by 3.3V or 5V microcontrollers without needing a dedicated gate driver IC. * **Low Gate Charge:** The low $Q_g$ enables high-speed switching and reduces power losses during the transition states. * **High Avalanche Ruggedness:** The device is 100% avalanche tested, meaning it can handle inductive energy spikes without immediate failure. * **STripFET™ Technology:** This technology optimizes the layout of the transistor to achieve a high packing density, reducing the "on-resistance" relative to the chip area. --- ### 3. Pin Configuration (DPAK) The device is packaged in a surface-mount DPAK. The pinout is standard for this form factor: 1. **Gate (G):** Controls the biasing of the MOSFET. 2. **Drain (D):** Connected to the mounting tab (heatsink) for thermal dissipation. 3. **Source (S):** Connected to the circuit ground or negative rail. --- ### 4. Typical Applications The STD12NF06LT4 is versatile and commonly found in: * **DC-DC Converters:** Used in power supplies for stepping down voltages. * **Motor Control:** Ideal for H-bridge circuits in small robotics or automotive actuators. * **Solenoid and Relay Drivers:** Due to its ability to handle inductive loads. * **Automotive Switching:** Used in 12V and 24V vehicle systems for lighting and accessory control. --- ### 5. Equivalent Alternatives If the STD12NF06LT4 is unavailable, consider these common replacements (verify footprint and $V_{GS}$ compatibility): * **IRFR120N** * **FDD8447L** * **NTD3055L104**
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for the STD12NF06LT4 in a high-current application?
    • ⤷ How does the 'Logic Level' feature specifically benefit Arduino or ESP32 projects?
    • ⤷ Can this MOSFET be used in a PWM circuit for LED dimming?