Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • STD21W-R

  • AI
    The **STD21W-R** is a specialized identification component used primarily in industrial labeling and cable identification. It belongs to the **STD (Snap-on Terminal Designers)** series, commonly manufactured by TE Connectivity (Raychem). --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and electronic compatibility. | Feature | Specification | | :--- | :--- | | **Series** | STD (Snap-On Marker) | | **Size Code** | 21 (Fits diameters 5.80mm to 8.50mm) | | **Character** | W (Printed letter "W") | | **Color** | White (R = Standard Color Coding/Packaging) | | **Material** | Polyoxymethylene (POM) / Polyacetal | | **Temperature Range** | -40°C to +106°C | --- ### 2. Physical Design & Composition While it is not an "active" electronic component (like a transistor), it is a critical **electromechanical accessory** for cable management. * **Snap-on Mechanism:** Designed with a "grip" shape that allows the marker to be applied to wires even after they have been terminated or connected. * **Integral Locking:** Features a side-locking mechanism that ensures multiple markers (e.g., "W", "2", "1") stay aligned and do not rotate independently. * **Material Properties:** * **Zero Halogen:** Safe for use in confined spaces (trains, planes). * **UV Resistance:** High resistance to environmental degradation. * **Chemical Resistance:** Resistant to common industrial fuels, lubricants, and cleaning solvents. --- ### 3. Application in Electronics The STD21W-R is used to ensure the **traceability** and **safety** of electronic systems: 1. **Phase Identification:** Used in three-phase power systems to label wiring. 2. **Maintenance:** Allows technicians to identify complex wiring harnesses without disconnecting circuits. 3. **Standardization:** Complies with UL94 V-2 flammability ratings, making it suitable for control panels and switchgear. --- ### 4. Installation Tools Though it can be applied by hand, it is often used with an **applicator wand** to speed up the process in mass production environments. ```text Product Logic Breakdown: STD [Series] - 21 [Size] - W [Marking] - R [Color/Packaging] ```
    ✨ Follow-up Questions
    • ⤷ What are the different size options available for the STD series?
    • ⤷ Does the STD21W-R comply with military-grade flame retardant standards?
    • ⤷ How does the side-locking mechanism prevent marker rotation?