Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • STDRIVE101

  • AI
    ### Overview of the STDRIVE101 The **STDRIVE101** is a high-performance, low-voltage triple half-bridge gate driver designed to drive three-phase brushless DC (BLDC) motors. It is highly integrated and particularly suited for battery-powered applications due to its efficiency and compact form factor. --- ### Key Internal Electronic Components The device integrates several critical functions that typically require discrete components: | Component | Function | | :--- | :--- | | **Triple Half-Bridge Drivers** | Drives 3 pairs of high-side and low-side N-channel MOSFETs. | | **Bootstrap Diodes** | Integrated diodes to charge high-side gate capacitors, reducing BOM cost. | | **Operational Amplifiers** | Three built-in op-amps for current sensing and signal conditioning. | | **Comparators** | Used for overcurrent protection (OCP) with programmable thresholds. | | **VCC LDO Regulator** | Internal regulator to provide stable low-voltage power to internal logic. | --- ### Technical Specifications | Feature | Details | | :--- | :--- | | **Operating Voltage** | 5.5 V to 60 V | | **Output Current** | 600 mA sink / 600 mA source (Gate drive) | | **Control Logic** | 3.3 V and 5 V compatible | | **Protection Features** | UVLO, Overcurrent, Thermal Shutdown, Interlocking | | **Package** | VFQFPN 4x4 32L | --- ### Pins and Connectivity The STDRIVE101 utilizes a specific pinout to handle both high-power switching and sensitive analog feedback: 1. **Logic Inputs (INxH / INxL):** Receive PWM signals from a microcontroller (MCU). 2. **Gate Outputs (GxH / GxL):** Connect directly to the gates of the external N-channel MOSFETs. 3. **Current Sense (OPAMPx):** Inputs and outputs for the three integrated operational amplifiers to monitor phase currents. 4. **Diagnostics (FAULT):** An open-drain output that pulls low when a protection event (like overtemperature) occurs. ### Typical Application Circuit Example ```mermaid graph LR MCU[Microcontroller] -- PWM --> ST[STDRIVE101] ST -- High Side Drive --> FET_H[High-Side MOSFET] ST -- Low Side Drive --> FET_L[Low-Side MOSFET] FET_H & FET_L --> Motor((BLDC Motor)) Current_Sense -- Feedback --> ST ``` --- ### Benefits for Electronics Design * **Reduced Footprint:** The integration of bootstrap diodes and op-amps saves significant PCB real estate. * **Robustness:** Built-in interlocking prevents "shoot-through" (where both high and low side FETs turn on simultaneously, causing a short circuit). * **Low Standby Power:** Optimized for battery longevity in tools, drones, and small robotics.
    ✨ Follow-up Questions
    • ⤷How does the interlocking feature prevent cross-conduction in the STDRIVE101?
    • ⤷ What are the recommended external components for the bootstrap circuit?
    • ⤷ Can the STDRIVE101 be used for brushed DC motor control?