STDRIVEG611
AI

## STDRIVEG611: High-Speed Half-Bridge Gate Driver
The **STDRIVEG611** is a high-speed gate driver specifically designed by STMicroelectronics to drive **GaN (Gallium Nitride) enhancement mode (e-mode) FETs** or N-channel silicon MOSFETs. It is optimized for high-frequency switching applications where efficiency and space are critical.
---
### Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Driver Configuration** | Half-Bridge (High-Side and Low-Side) |
| **Output Current** | 1.3 A Sink / 1.9 A Source |
| **Voltage Range (Vcc)** | 4.5 V to 6.5 V |
| **High-Side Voltage (Vboot)** | Up to 600 V |
| **Propagation Delay** | 45 ns (typical) |
| **Delay Matching** | < 1 ns |
| **Package** | QFN 3x3 mm, 10-lead |
---
### Core Electronic Components & Features
The STDRIVEG611 integrates several critical functions to ensure the safe operation of GaN transistors, which are more sensitive to gate voltage than traditional Silicon MOSFETs.
#### 1. Integrated Bootstrap Diode
GaN drivers typically require a bootstrap circuit to power the high-side floating section. The STDRIVEG611 includes an internal high-voltage bootstrap diode, reducing the external Bill of Materials (BOM) and saving PCB space.
#### 2. Logic Inputs & PWM Control
The device features two independent logic inputs (HI and LI) that are CMOS/TTL compatible. These inputs control the high-side and low-side outputs respectively.
* **Interlocking:** It includes an interlocking mechanism to prevent cross-conduction (shoot-through).
* **Dead-time:** While the device allows independent control, users must manage dead-time externally or via the controller to ensure both switches are never ON simultaneously.
#### 3. Undervoltage Lockout (UVLO)
GaN FETs require a precise gate voltage (typically ~5V). If the supply voltage drops too low, the FET may enter a linear region and overheat. The UVLO protection ensures the outputs remain LOW if the $V_{cc}$ or $V_{boot}$ voltages are below the operational threshold.
#### 4. High-Speed Level Shifter
Because the high-side FET's source terminal floats up to 600V, the internal level shifter transmits the control signal from the low-voltage logic side to the high-voltage floating side with minimal delay and high immunity to $dV/dt$ noise.
---
### Application Circuit Block Diagram
A typical implementation involves the following external components:
```mermaid
graph LR
PWM_Controller --> STDRIVEG611
STDRIVEG611 --> GaN_High_Side
STDRIVEG611 --> GaN_Low_Side
Vcc_Supply --> STDRIVEG611
Bootstrap_Capacitor --- STDRIVEG611
```
---
### Target Applications
* **High-density DC-DC Converters:** Telecom and Server power supplies.
* **Micro-inverters:** Solar energy harvesting.
* **Wireless Charging:** High-frequency resonant power transfer.
* **Motor Drivers:** High-speed brushless DC (BLDC) motors.
---
- ⤷
What are the specific advantages of using GaN FETs over Silicon MOSFETs with this driver?
- ⤷ How does the interlocking feature prevent shoot-through in the STDRIVEG611?
- ⤷ What is the recommended value for the external bootstrap capacitor in a typical 48V application?