Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • STO2S

  • AI
    The **SOT-23** (Small Outline Transistor) is one of the most widely used surface-mount device (SMD) packages in modern electronics. It is a small, rectangular plastic package with three leads (terminals) extending from the sides. --- ### 1. Key Characteristics The SOT-23 is designed for compact circuit boards where space is a premium. It is typically used for low-power components. | Feature | Description | | :--- | :--- | | **Lead Count** | Usually 3 pins (though 5 and 6-pin variants exist) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Common Dimensions** | ~2.9 mm x 1.3 mm x 1 mm | | **Thermal Capacity** | Low (typically around 200mW to 350mW) | --- ### 2. Common Components in SOT-23 While the package name refers to the outer shell, many different types of electronic components are housed inside it: * **Bipolar Junction Transistors (BJTs):** General-purpose switching and amplification (e.g., BC847, MMBT3904). * **MOSFETs:** Small-signal field-effect transistors (e.g., BSS138, 2N7002). * **Diodes:** Single diodes or dual-diode configurations (e.g., BAV70, BAT54). * **Voltage References:** Precision references like the TL431. * **Voltage Regulators:** Low-dropout (LDO) regulators for small current loads. --- ### 3. Pinout Configuration For a standard 3-pin SOT-23 Transistor, the pin numbering is generally standardized, but the **internal function** depends on the specific part number. #### Typical BJT Layout: ```text [ 3 ] <-- Collector | | ----+ +---- [ 1 ] [ 2 ] Base Emitter ``` 1. **Pin 1:** Base (or Gate for MOSFETs) 2. **Pin 2:** Emitter (or Source for MOSFETs) 3. **Pin 3:** Collector (or Drain for MOSFETs) --- ### 4. Advantages and Limitations | Advantages | Limitations | | :--- | :--- | | Extremely small footprint saves PCB space. | Difficult to solder by hand without tweezers. | | Automated pick-and-place friendly. | Very limited heat dissipation (not for high power). | | Low parasitic inductance and capacitance. | Fragile leads if handled roughly during prototyping. | ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between SOT-23 and SOT-223 packages?
    • ⤷ How can I identify a specific component in an SOT-23 package using its marking code?
    • ⤷ What is the maximum current typically handled by an SOT-23 MOSFET?