Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • STV-366-R02

  • AI
    The **STV-366-R02** is a specific electronic component, primarily identified as a **Thermistat** (Thermal Sensor) or **Varistor/Thermistor assembly** used in high-fidelity audio equipment, most notably in vintage **Sony** and **Sansui** amplifiers. Its primary function is **Thermal Compensation** for the power transistor bias circuit. --- ### 1. Key Technical Specifications While official datasheets for these legacy parts are rare, the technical profile is as follows: | Feature | Description | | :--- | :--- | | **Component Type** | Multi-junction Diode / Varistor (STV Series) | | **Function** | Bias stabilization and Thermal tracking | | **Typical Forward Voltage** | Varies by temperature (approx. 1.2V to 1.8V at idle) | | **Mounting Style** | Often bolted or clamped to the main heatsink | | **Configuration** | Three diode junctions in series (internal) | --- ### 2. Operational Role in Amplifiers The STV-366-R02 plays a critical role in preventing **Thermal Runaway**: 1. **Placement:** It is physically attached to the same heatsink as the power output transistors. 2. **Sensing:** As the power transistors get hot, the STV-366-R02 heats up simultaneously. 3. **Resistance Change:** Its internal resistance (and forward voltage drop) decreases as temperature increases. 4. **Bias Adjustment:** This decrease in voltage signals the bias circuit to reduce the current flowing through the output transistors, cooling them down and maintaining audio stability. --- ### 3. Failure Symptoms & Replacements Because these parts are vintage (often 40+ years old), they are prone to failure. * **Symptoms of Failure:** * Amplifier "Red Lining" (getting extremely hot instantly). * Blown fuses shortly after power-on. * Heavy DC offset at the speaker terminals. * **Modern Replacement Strategy:** Since the original STV-366-R02 is out of production, technicians often use a **Series Diode String**. ```cpp // Conceptual replacement circuit [Anode] --|>|--|>|--|>|-- [Cathode] (Three 1N4148 diodes in series typically mimic the voltage drop) ``` --- ### 4. Safety Warning > **Warning:** If the STV-366-R02 fails "Open Circuit," the bias current will spike to maximum, potentially destroying your power transistors and speakers within seconds. Always use a **Dim Bulb Tester** when powering up an amplifier after replacing this component. ---
    ✨ Follow-up Questions
    • ⤷ How do I test if an STV-366-R02 is still functioning using a multimeter?
    • ⤷ What are the exact diode models used to create a DIY replacement for this part?
    • ⤷ In which specific Sony or Sansui amplifier models is this part most commonly found?