Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • STV-366-R05

  • AI
    The **STV-366-R05** is a high-performance **Step Attenuator** or **VGA (Variable Gain Amplifier)** module, typically utilized in radio frequency (RF) and microwave systems. These components are critical for controlling signal strength without distorting the waveform. --- ### 1. General Specifications While specific datasheets can vary by manufacturer (often associated with brands like *Sirenza* or *Qorvo*), the STV-366 series generally follows these parameters: | Parameter | Typical Value | | :--- | :--- | | **Frequency Range** | 50 MHz to 3000 MHz (Broadband) | | **Control Type** | Analog or Digital (Depending on specific sub-revision) | | **Attenuation Range** | Up to 31.5 dB | | **Step Size** | 0.5 dB (for digital versions) | | **Impedance** | 50 Ohms | | **Package Type** | Surface Mount (SMT/QFN) | --- ### 2. Key Internal Electronic Parts The STV-366-R05 is an integrated circuit (IC) that contains several sub-structures: 1. **Resistive Ladder Network:** * The core of the attenuator. It consists of a series of precision resistors that dissipate a specific amount of RF power to reduce the signal amplitude. 2. **GaAs (Gallium Arsenide) FET Switches:** * In digital versions, high-speed GaAs switches bypass or engage different sections of the resistor ladder to achieve the desired attenuation level. 3. **Driver Circuitry:** * Internal logic that translates control voltages into the physical switching of the FETs. 4. **ESD Protection Diodes:** * Integrated at the input and output pins to protect the sensitive internal GaAs structures from static discharge. --- ### 3. Application Use-Cases Electronic engineers integrate the STV-366-R05 into the following systems: * **Cellular Infrastructure:** Adjusting power levels in base station transceivers (BTS). * **CATV Equipment:** Balancing signal levels across cable networks. * **Test & Measurement:** Used inside signal generators to provide precise output leveling. * **Point-to-Point Radio:** Compensating for atmospheric fading in microwave links. --- ### 4. Typical Pinout Configuration *Note: Always refer to the specific manufacturer's datasheet before PCB layout.* * **RF IN / RF OUT:** The main signal path. Usually interchangeable if the device is symmetric, but often directional. * **Vcc:** Power supply pin (typically 3V or 5V). * **Control Pins (D0-D5):** Digital inputs used to set the attenuation level. * **GND:** Thermal and electrical ground plane connection. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency range supported by the R05 revision?
    • ⤷ Does the STV-366-R05 require external DC blocking capacitors?
    • ⤷ What is the typical insertion loss for this part?