Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SV-15B-R

  • AI
    The **SV-15B-R** is an industrial-grade **Solenoid Valve** (often associated with brands like Shako or similar pneumatic manufacturers). In the context of electronic and electromechanical components, this part acts as the interface between a control system (PLC/Microcontroller) and a pneumatic system. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Type** | 5-Port, 2-Position (5/2 Way) | | **Actuation** | Single Solenoid (Spring Return) | | **Port Size** | 1/8" or 1/4" PT/NPT (Standard B-Series) | | **Operating Pressure** | 1.5 ~ 8 kgf/cm² | | **Voltage Options** | 12VDC, 24VDC, 110VAC, 220VAC | --- ### 2. Electronic Components & Working Principle The "electronic" side of the SV-15B-R is primarily the **Solenoid Coil Assembly**. Here is a breakdown of the internal parts: #### A. The Electromagnetic Coil The core electronic component is a copper-wire coil. When current passes through this coil, it generates a magnetic field. * **Insulation Class:** Usually Class F, rated for high temperatures. * **Power Consumption:** Typically low (approx. 2W - 5W for DC models) to allow for PLC driving. #### B. The Plunger (Armature) A ferromagnetic rod located inside the coil. When the coil is energized, the plunger is pulled upward against a spring, shifting the internal spool to change air direction. #### C. Electrical Connection (DIN Connector) Most SV-15B-R models utilize a **DIN 43650 (Form B or C)** connector. * **Terminal 1 & 2:** Power inputs (Polarity usually doesn't matter for AC; check for DC). * **Earth Terminal:** Used for grounding to prevent static buildup or electrical faults. * **LED Indicator:** Many connectors include a transparent housing with a small LED and resistor to show "Power On" status visually. #### D. Suppression Circuit (Optional) High-end versions may include a **Varistor (VDR)** or a **Diode** integrated into the plug. This protects the controlling PLC or relay from "back EMF" (voltage spikes) when the coil is de-energized. --- ### 3. Wiring Diagram Concept ```text [ Power Source + ] ---- [ Switch/PLC Output ] ---- [ Pin 1 (Solenoid) ] | [ Power Source - ] ------------------------------- [ Pin 2 (Solenoid) ] | [ System Ground ] ------------------------------- [ Earth Pin ] ``` --- ### 4. Common Failure Points 1. **Coil Burnout:** Caused by overvoltage or leaving the valve energized in high-heat environments for too long. 2. **Sticking Plunger:** Residual magnetism or debris preventing the metal rod from moving. 3. **Connector Corrosion:** Moisture entering the DIN connector, leading to a short circuit. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the SV-15B-R and the SV-15B-D model?
    • ⤷ How do I calculate the power consumption for the 24VDC version of this solenoid?
    • ⤷ Does this valve require lubricated air for the electronic plunger to function?