Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SV-15D-R

  • AI
    The **SV-15D-R** refers to a high-performance **Rotary Solenoid Valve**, typically manufactured by companies like CKD or similar automation hardware providers. It is widely used in pneumatic and fluid control systems for rapid actuation. --- ## 1. Core Electronic Specifications The electronic components of the SV-15D-R are centered around the solenoid coil and the electrical connection interface. | Feature | Specification Details | | :--- | :--- | | **Rated Voltage** | Typically **24V DC** (Standard for industrial PLC control). | | **Power Consumption** | Low wattage (approx. 1.8W to 4W) to minimize heat generation. | | **Duty Cycle** | 100% Continuous Duty (Can remain energized without burning out). | | **Insulation Class** | Class B or Class E (Standard heat resistance for industrial coils). | | **Response Time** | High speed (typically < 20ms) due to the low-inductance coil. | --- ## 2. Electrical Interface Components The "R" suffix in the model name often denotes the wiring method or a specific electrical orientation. ### Wiring Structure * **Lead Wires:** Most SV-15D-R models use a 2-wire lead system (Positive/Negative). * **Surge Suppressor:** High-end versions include a built-in **Varistor or Flyback Diode**. This protects the controlling PLC or Relay from "Back EMF" (voltage spikes) when the coil is de-energized. * **LED Indicator:** Often features a small integrated LED to visually confirm when the coil is receiving power. ### Operational Logic The electronic part acts as an **Electromagnet**: 1. **Energized:** The coil creates a magnetic field, pulling the internal armature/plunger. 2. **De-energized:** The magnetic field collapses, and an internal spring returns the valve to its default state. --- ## 3. Component Breakdown | Component | Function | | :--- | :--- | | **Solenoid Coil** | Converts electrical energy into linear or rotary mechanical force. | | **Armature/Plunger** | The moving metallic part attracted by the coil's magnetic field. | | **Encapsulation** | Epoxy resin or plastic molding that protects the wires from moisture and vibration. | | **Return Spring** | Counteracts the solenoid to reset the valve position. | --- ## 4. Troubleshooting Electronic Issues If the SV-15D-R fails to actuate, check these electronic points: * **Coil Continuity:** Use a multimeter to check for an open circuit in the coil. * **Voltage Drop:** Ensure the power supply provides a stable 24V DC under load. * **Polarity:** While DC solenoids often work regardless of polarity, integrated LEDs or Diodes require correct **(+) and (-)** orientation.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout for the SV-15D-R connector?
    • ⤷ Can this valve be operated with a PWM signal for variable flow control?
    • ⤷ What are the environmental protection ratings (IP rating) for the electrical housing?