Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SV-16B-R

  • AI
    The **SV-16B-R** is a specific model of a **Solenoid Valve**, typically used in industrial automation, fluid control, and pneumatic systems. It is often associated with brands like *SMC* or various hydraulic/pneumatic specialty manufacturers. Below is a breakdown of its electronic and mechanical components. ### 1. Technical Specifications The "Electronic" profile of this part is defined by its actuation method and power requirements. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Solenoid Valve (Electromagnetic Actuator) | | **Voltage Options** | 12V DC, 24V DC, or 110V/220V AC | | **Current Consumption** | Varies (approx. 200mA - 500mA for DC models) | | **Connection Type** | Lead wires or DIN Connector (Plug-in) | | **Duty Cycle** | 100% Continuous Duty (standard) | | **Protection Class** | IP65 (Dust-tight and water-resistant) | --- ### 2. Internal Electronic & Magnetic Parts The SV-16B-R operates on the principle of electromagnetism. The key parts inside the unit include: * **Solenoid Coil:** A spool of copper wire that creates a magnetic field when energized. This is the primary electronic component. * **Armature (Plunger):** A ferromagnetic rod that moves in response to the magnetic field. * **Return Spring:** Provides the mechanical force to return the plunger to its original position when the current is cut. * **Encapsulation:** The coil is usually molded in thermosetting plastic or epoxy to protect against moisture and vibration. --- ### 3. Circuit Integration When integrating the SV-16B-R into an electronic control system (like a PLC or Arduino), the following electrical considerations apply: #### A. Flyback Diode (DC Models) Because the solenoid is an **inductive load**, it can cause a high-voltage spike when turned off. A diode should be placed in parallel with the coil to protect your switching electronics. #### B. Switching Methods ```cpp // Example: Basic logic for controlling a 24V Solenoid via a Relay/MOSFET void setup() { pinMode(SOLENOID_PIN, OUTPUT); } void loop() { digitalWrite(SOLENOID_PIN, HIGH); // Valve Opens/Closes delay(1000); digitalWrite(SOLENOID_PIN, LOW); // Valve returns to default delay(1000); } ``` --- ### 4. Part Number Breakdown (General) * **SV:** Solenoid Valve Series. * **16:** Usually refers to the orifice size or flow capacity (1.6mm or 16mm depending on manufacturer). * **B:** Body style or manifold mounting type. * **R:** Often indicates "Reset" type (Spring return) or a specific "Rubber" seal material for chemical resistance. ---
    ✨ Follow-up Questions
    • ⤷What is the specific voltage rating for your version of the SV-16B-R?
    • ⤷ Do you need a wiring diagram for connecting this valve to a PLC?
    • ⤷ Are you experiencing issues with the coil overheating or failing to actuate?