Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SV-16D-R

  • AI
    The **SV-16D-R** is a specific model of a **Solenoid Valve**, typically manufactured by brands like **SMC** or specialized hydraulic/pneumatic equipment providers. Below is a detailed breakdown of its electronic and electromechanical components. --- ### 1. Overview of the Device The SV-16D-R is an **electromagnetically operated valve**. It serves as an interface between an electronic control system (like a PLC) and a fluidic system (air or liquid), using electrical energy to open or close a mechanical orifice. ### 2. Key Electronic Components | Component | Description | Function | | :--- | :--- | :--- | | **Solenoid Coil** | A copper wire winding housed in a plastic or metal casing. | Converts electrical current into a magnetic field. | | **Plunger/Armature** | A ferromagnetic rod inside the coil. | Moves physically when the coil is energized to open/close the valve. | | **Terminals/Connector** | Usually a DIN 43650 plug or lead wires. | Provides the electrical interface for power input. | | **Rectifier (Internal)** | Often found in AC-powered versions. | Converts AC current to DC to prevent "chatter" or vibration. | | **Suppression Diode** | A flyback diode across the coil. | Protects the driving circuit (PLC) from voltage spikes when the coil is de-energized. | --- ### 3. Electrical Specifications While specific data can vary by manufacturer (e.g., SMC vs. others), the "16D" and "R" suffixes typically indicate the following: * **Voltage Options:** Usually 24V DC (Standard for "D" series) or 110V/220V AC. * **Power Consumption:** Generally low (between 2W to 10W) to allow direct driving from industrial controllers. * **Duty Cycle:** Rated for 100% continuous duty, meaning the electronics can remain energized indefinitely without overheating. * **Insulation Class:** Typically **Class B or F**, allowing the internal electronics to withstand temperatures up to 130°C-155°C. ### 4. Operation Mechanism 1. **Signal Input:** A 24V DC signal is sent from a controller to the **terminals**. 2. **Induction:** The **Solenoid Coil** creates a magnetic field. 3. **Mechanical Action:** The **Plunger** is pulled upward, overcoming the force of a return spring. 4. **Flow State:** The valve opens (or closes, if it is Normally Open), allowing the medium to pass. 5. **De-energization:** When power is cut, the magnetic field collapses, and the spring pushes the plunger back to its original position. --- ### 5. Common Wiring Diagram Concepts ```yaml Standard DC Wiring: [Positive +] ---- (Pin 1) ---- [ Coil ] ---- (Pin 2) ---- [Negative -] | [Surge Protector] ```
    ✨ Follow-up Questions
    • ⤷ What are the typical maintenance steps for the SV-16D-R coil?
    • ⤷ Can this valve be used with both AC and DC power supplies?
    • ⤷ What are the common failure modes of the solenoid's electronic components?