Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SV-21-R

  • AI
    The **SV-21-R** is typically categorized as a high-performance **Solenoid Valve**, commonly used in industrial automation, fluid control, and pneumatic systems. The "R" suffix often denotes specific configurations like "Reverse acting," "Reinforced," or "Resilient" depending on the specific manufacturer (such as SMC or Parker). Below is a breakdown of the electronic and electromechanical components of this part. --- ### 1. Key Electronic Components The SV-21-R operates on the principle of electromagnetism to convert electrical energy into mechanical motion. | Component | Description | Function | | :--- | :--- | :--- | | **Solenoid Coil** | Copper windings wrapped around a bobbin. | Creates a magnetic field when energized. | | **Armature (Plunger)** | A ferromagnetic rod inside the coil. | Moves physically to open or close the valve orifice. | | **Return Spring** | A mechanical spring. | Returns the plunger to its default position when power is cut. | | **DIN Connector** | Electrical interface (Plug). | Provides the connection point for power cables (often IP65 rated). | | **Surge Suppressor** | Often a Diode or Varistor. | Protects the control system (PLC) from back-EMF voltage spikes. | --- ### 2. Electrical Specifications While exact specs vary by the specific sub-model, the SV-21-R series generally adheres to these standards: * **Voltage Options:** Typically available in **24V DC** (most common for PLC control) or **110V/220V AC**. * **Power Consumption:** Low wattage design (usually **2W to 5W**) to allow for direct drive from digital output cards. * **Duty Cycle:** 100% Continuous Duty (can remain energized indefinitely without overheating). * **Insulation Class:** Class F or H (rated for high-temperature environments). --- ### 3. Wiring Configuration The valve is usually wired in a simple two-wire configuration (Positive/Negative for DC or Line/Neutral for AC) with an optional third wire for Ground. ```yaml Terminal 1: Positive (+) / Live (L) Terminal 2: Negative (-) / Neutral (N) Terminal 3: Earth Ground (⏚) ``` --- ### 4. Operational Logic The SV-21-R is most frequently a **2-Way, Normally Closed (NC)** valve: 1. **De-energized State:** The spring holds the plunger down, blocking the flow of fluid/air. 2. **Energized State:** The coil generates a magnetic field, pulling the plunger up against the spring, allowing fluid/air to pass through. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum pressure rating for the SV-21-R valve?
    • ⤷ Does this model support PWM (Pulse Width Modulation) for proportional control?
    • ⤷ What is the IP rating for the electrical housing on this part?