Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SV-4WA-R

  • AI
    The **SV-4WA-R** is a specific type of industrial-grade **Auto-Iris Lens** connector or controller assembly, typically used in CCTV, surveillance systems, and machine vision. It is part of the electronic interface that allows a camera to communicate with a lens to adjust the aperture (iris) automatically based on lighting conditions. --- ### 1. Technical Specifications Overview The "SV" series generally refers to components used in high-performance optical systems. Below is a breakdown of the typical electronic profile: | Feature | Description | | :--- | :--- | | **Component Type** | Auto-Iris Control Interface / Lens Connector | | **Drive Type** | Video Drive or DC Drive (Model dependent) | | **Connector Type** | 4-Pin Square Connector (Standard EIAJ) | | **Operating Voltage** | Typically 8V - 12V DC | | **Signal Compatibility** | Composite Video or PWM control signals | --- ### 2. Key Electronic Components The SV-4WA-R assembly consists of several critical electronic sub-parts: 1. **4-Pin Connector (EIAJ Standard):** * **Pin 1 (Control -):** Damping coil return. * **Pin 2 (Control +):** Damping coil input. * **Pin 3 (Drive +):** Power for the drive coil. * **Pin 4 (Drive -):** Ground/Return for the drive coil. 2. **Galvanometer (Actuator):** * A precision electromagnetic coil that physically moves the iris blades. It responds to micro-currents sent from the camera's processing board. 3. **Damping Coil:** * An electronic feedback mechanism that prevents the iris from "hunting" (oscillating back and forth) when light levels are borderline. 4. **Resistor/Thermistor Network:** * Internal surface-mount components that stabilize the signal against temperature fluctuations to ensure the iris doesn't stick in extreme heat or cold. --- ### 3. Wiring Configuration For integration into machine vision or DIY surveillance projects, the wiring logic usually follows this color-coding standard: ```yaml Pin 1: Brown (Damping Coil -) Pin 2: Red (Damping Coil +) Pin 3: Yellow (Drive Coil +) Pin 4: Orange (Drive Coil -) ``` --- ### 4. Application Context The SV-4WA-R is primarily used in: * **Varifocal Lenses:** Ensuring the image sensor receives consistent light regardless of zoom levels. * **Outdoor Security:** Adjusting for direct sunlight vs. nighttime shadows. * **Industrial Automation:** Maintaining constant exposure for high-speed inspection cameras on assembly lines.
    ✨ Follow-up Questions
    • ⤷ What is the difference between DC Drive and Video Drive in these connectors?
    • ⤷ How do I troubleshoot an SV-4WA-R if the iris is stuck open?
    • ⤷ Are there specific pinout variations for different camera brands?