SV-5WC-R
AI

The **SV-5WC-R** is a specific model of a **Miniature Relay**, typically manufactured by companies like **Fujitsu** (formerly Takamisawa). It is widely used in telecommunications, audio equipment, and low-signal switching applications.
---
## 1. Technical Specifications
The part number can be broken down to understand its core electronic characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Coil Voltage** | 5V DC |
| **Contact Form** | 1 Form C (SPDT - Single Pole Double Throw) |
| **Contact Rating** | 1A at 30VDC / 0.5A at 125VAC |
| **Power Consumption** | Approx. 150mW (High sensitivity) |
| **Mounting Type** | Through-Hole (PCB Mount) |
| **Terminal Pitch** | 2.54mm (Standard DIP layout) |
---
## 2. Key Internal Components
The SV-5WC-R consists of several critical electronic and mechanical parts:
### A. The Coil (Electromagnet)
* **Material:** Fine copper wire wound around a core.
* **Function:** When 5V DC is applied, it creates a magnetic field that pulls the armature.
* **Sensitivity:** The "W" in the part number often denotes a high-sensitivity coil, meaning it requires very little current to trigger.
### B. Contacts (The Switch)
* **Material:** Usually **Gold-overlay silver-palladium**.
* **Why Gold?** Gold prevents oxidation, ensuring a reliable connection for "dry circuits" (very low current signals) where a standard power relay might fail.
### C. The Armature and Spring
* **Function:** A mechanical lever that moves between the Normally Closed (NC) and Normally Open (NO) positions.
* **Bifurcated Contacts:** This model often uses "bifurcated" (split) contacts to increase reliability through redundancy.
---
## 3. Terminal Configuration
The device usually follows a standard DIP-6 or DIP-8 footprint.
| Pin Type | Description |
| :--- | :--- |
| **Coil Pins** | Where the 5V input is applied. |
| **Common (COM)** | The moving part of the switch. |
| **Normally Closed (NC)** | Connected to COM when no power is applied. |
| **Normally Open (NO)** | Connects to COM only when 5V is applied to the coil. |
---
## 4. Typical Applications
* **Telecommunications:** Switching telephone lines or signal routing.
* **Audio Equipment:** Input switching in high-fidelity pre-amplifiers.
* **Industrial Controls:** Interfacing low-power microcontrollers (like an Arduino or ESP32) to switch small external loads.
* **Measurement Instruments:** Signal path selection in multimeters or oscilloscopes.
- ⤷
What is the maximum switching frequency for the SV-5WC-R relay?
- ⤷ Does this relay require a flyback diode when connected to a microcontroller?
- ⤷ What are the footprint differences between the SV series and the RY series relays?