Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SV-C3-R

  • AI
    The **SV-C3-R** is a specific variant of a signal converter or communication adapter typically used in industrial automation, often associated with Mitsubishi Electric or specialized sensor interface systems. Below is an overview of its electronic characteristics and technical specifications. ### 1. Technical Specifications The SV-C3-R is designed to handle signal conversion between high-speed serial protocols and standard logic levels. | Feature | Specification | | :--- | :--- | | **Primary Function** | Signal Conversion / Communication Interface | | **Input Voltage** | 5V DC or 24V DC (Model dependent) | | **Signal Type** | Differential or RS-422/485 levels | | **Connector Type** | High-density D-Sub or proprietary Hirose connectors | | **Mounting** | DIN-rail or Integrated mounting tabs | --- ### 2. Key Electronic Components The internal circuitry of the SV-C3-R consists of several critical stages to ensure signal integrity in electrically noisy environments: * **Transceiver ICs:** Usually contains high-speed RS-422/485 transceivers (like the MAX485 or similar) to allow long-distance communication without data loss. * **Optoisolators:** To protect the main controller (PLC/PC) from voltage spikes, the unit often utilizes optical isolation between the input and output stages. * **Voltage Regulators:** Low-dropout (LDO) regulators to stabilize the internal 3.3V or 5V logic power supply. * **Termination Resistors:** Built-in impedance matching (typically 120 ohms) to prevent signal reflection on long cable runs. --- ### 3. Connection Pinout Logic While specific pinouts vary by manufacturer, the electronic interface generally follows this logic: 1. **VCC/GND:** Power supply pins. 2. **TX+/TX-:** Differential transmit signals. 3. **RX+/RX-:** Differential receive signals. 4. **FG (Frame Ground):** Used for shielding against Electromagnetic Interference (EMI). --- ### 4. Application Context The SV-C3-R is commonly used in the following scenarios: * **Servo Systems:** Converting encoder feedback signals for a motion controller. * **Sensor Interfacing:** Bringing high-speed laser displacement sensor data into a PLC. * **Data Translation:** Acting as a bridge between proprietary industrial protocols and standard serial interfaces.
    ✨ Follow-up Questions
    • ⤷ What is the maximum data transmission speed for the SV-C3-R?
    • ⤷ How do I wire the SV-C3-R to a standard PLC?
    • ⤷ Are there specific environmental ratings (like IP67) for this part?