Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SV-CA-R

  • AI
    The **SV-CA-R** generally refers to a specific type of **Rotary Actuator** (often used in HVAC systems, industrial dampers, or automotive air control) or a high-precision **Circular Connector** variant. Assuming you are referring to the **Electronic Rotary Actuator** series (common in industrial automation), here is a breakdown of the electronic components and technical specifications. --- ## 1. Core Electronic Components An SV-CA-R actuator is an electromechanical device consisting of several key electronic subsystems: | Component | Function | | :--- | :--- | | **DC Brushless Motor** | Converts electrical energy into mechanical rotation with high efficiency. | | **Microcontroller (MCU)** | The "brain" that processes input signals and controls motor positioning. | | **Potentiometer/Encoder** | Provides electronic feedback to the MCU regarding the exact angle of the shaft. | | **Driver Circuitry** | Manages the high-current power delivery to the motor coils. | | **Signal Interface** | Handles 0-10V, 4-20mA, or Digital signals for remote control. | --- ## 2. Technical Specifications Most units in this category operate under the following electronic parameters: ### Power Supply * **Voltage:** Usually available in **24V AC/DC** or **110V/230V AC** variants. * **Power Consumption:** Typically 2W to 6W during movement, and <1W in holding mode. ### Control Signals * **Modulating:** 0...10 VDC or 4...20 mA (proportional control). * **Floating/3-Point:** Controlled by two separate digital inputs (Clockwise/Counter-Clockwise). * **On/Off:** Simple two-wire control. --- ## 3. Wiring and Pinout Standard electronic wiring for an SV-CA-R series actuator usually follows this convention: ```markdown 1. (Black/Blue) -> System Neutral / Common (-) 2. (Red/Brown) -> Power Supply (+) 3. (White/Grey) -> Control Input Signal (0-10V / 4-20mA) 4. (Orange) -> Position Feedback Output (Optional) ``` --- ## 4. Protection and Safety Features To ensure the longevity of the electronic parts, these devices include: * **Electronic Overload Protection:** Automatically stops the motor if it hits a physical blockage to prevent burnout. * **Fail-Safe (Capacitor or Spring):** Electronic storage (Supercapacitors) that provides power to return the actuator to a "Home" position during a power outage. * **EMI Filtering:** Internal components to reduce electromagnetic interference with other sensors. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific input voltage for your SV-CA-R model?
    • ⤷ Do you need a circuit diagram for a specific control system?
    • ⤷ Are you looking for replacement parts for the internal PCB?