Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-00-R/Q

  • AI
    The **SVB-00-R/Q** typically refers to a component within the **SMC SV Series** manifold solenoid valve system. This specific part is generally a **Base-Mounted Manifold Block** or a sub-plate assembly used to house and interconnect the electronic and pneumatic signals for the valves. ### 1. Technical Specifications Overview | Feature | Specification | | :--- | :--- | | **Series** | SV Series (Sub-base type) | | **Wiring Style** | Multi-connector / D-sub or Ribbon Cable | | **Voltage** | Usually 24V DC (Standard for SV series) | | **Configuration** | Tie-rod base type | | **Mounting** | DIN Rail or Direct Mount | --- ### 2. Key Electronic Components & Functions The SVB-00-R/Q functions as the electronic "backbone" of the valve manifold. Its internal electronic parts include: #### A. Integrated Printed Circuit Board (PCB) Each manifold block contains a small internal PCB. This board is responsible for: * **Signal Routing:** Taking the high-density input (from a D-sub or Serial bus) and routing the specific electrical signal to the correct solenoid coil. * **Protection:** Often includes basic surge suppression to protect the PLC (Programmable Logic Controller) from back-EMF when the solenoid de-energizes. #### B. Electrical Connector Interface * **Plug-in Design:** The "SV" series is known for its "Plug-in" electronic interface. There are no manual wires between the valve and the base; the electrical connection is made via gold-plated pins when the valve is bolted onto the SVB block. * **Polarity:** Usually configured as "Negative Common" (Standard) or "Positive Common" (Optional). #### C. LED Indicators The electronics include a surface-mount LED (typically green or red) that illuminates when the specific station receives a 24V signal. This allows for immediate visual troubleshooting of the control circuit. --- ### 3. Wiring Architecture The "R/Q" designation often relates to the specific wiring orientation or the connector type used in the assembly: * **Serial Transmission:** Some versions of these bases support fieldbus protocols (like EtherNet/IP or PROFINET) via a gateway head station. * **Parallel Wiring:** The base facilitates a "One-connector" approach, meaning one 25-pin D-sub cable can control up to 20+ valves simultaneously through the electronics embedded in the SVB-00-R/Q blocks. --- ### 4. Component Diagram (Logical Layout) ```mermaid graph LR A[Main Controller/PLC] --> B[D-Sub/Serial Connector] B --> C[SVB-00-R/Q Base PCB] C --> D[Solenoid Valve 1] C --> E[Solenoid Valve 2] C --> F[Solenoid Valve N] ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'Q' specifications in this part number?
    • ⤷ How do I troubleshoot a signal failure on a single SVB base station?
    • ⤷ Is the SVB-00-R/Q compatible with AC voltages or strictly 24V DC?