Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-0B-R/Q

  • AI
    The **SVB-0B-R/Q** is a specific variant of high-performance connectors, typically associated with the **LEMO B-Series** of push-pull connectors or high-reliability electronic interfaces. Below is a breakdown of the electronic and mechanical specifications for this component type. --- ### 1. Component Overview The "0B" designation refers to the shell size, which is one of the most common compact sizes used in medical, industrial, and broadcast electronics. | Feature | Specification | | :--- | :--- | | **Series** | B-Series (High-Density) | | **Shell Size** | 0B (Compact) | | **Locking System** | Push-Pull Self-Latching | | **Shielding** | > 75dB at 10 MHz; > 40dB at 1 GHz | | **IP Rating** | IP50 (Standard indoor use) | --- ### 2. Key Electronic Characteristics The electrical performance of these parts is designed for precision signal integrity. * **Contact Type:** Typically features gold-plated brass contacts to ensure low contact resistance and prevent oxidation over long-term use. * **Insulator Material:** Usually constructed from **PEEK** (Polyetheretherketone), which offers excellent chemical resistance and high dielectric strength. * **Voltage Rating:** Depending on the specific pin configuration (e.g., 2, 3, 4, or 5-pin), the test voltage typically ranges from **600V to 1000V AC**. * **Current Capacity:** Generally rated between **2A and 10A** per contact, depending on the wire gauge and pin density. --- ### 3. Structural Components The "R/Q" suffix often denotes specific mounting or finish configurations: 1. **Outer Shell:** Chrome-plated brass for durability and EMI/RFI shielding. 2. **Internal Sleeves:** Designed to ensure alignment (keying) to prevent accidental cross-mating. 3. **Termination:** Most 0B series components utilize either **Solder** or **Print (PCB)** contacts. ### 4. Common Applications * **Medical Devices:** Used in portable monitors and diagnostic equipment. * **Test & Measurement:** High-accuracy sensors and data acquisition systems. * **Audio/Video:** Professional camera power and control links (e.g., ARRI, RED camera accessories). * **Aerospace:** Lightweight, high-reliability interconnects. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pin configuration for the R/Q variant?
    • ⤷ How does the Push-Pull latching mechanism improve electrical safety?
    • ⤷ What are the soldering temperature requirements for PEEK insulators?