Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-10-R

  • AI
    The **SVB-10-R** is a specific electronic component, typically identified as a **Solenoid-Operated Directional Control Valve** (often manufactured by companies like Vickers/Eaton or similar hydraulic electronics specialists). It is designed to bridge the gap between electronic control systems and hydraulic power. --- ### 1. Technical Specifications The "SVB-10-R" part number usually decodes into specific physical and electrical characteristics: | Feature | Specification | Description | |:---|:---|:---| | **Valve Type** | Solenoid Operated | Uses an electromagnetic coil to move a spool. | | **Size** | 10 | Refers to the nominal flow size (ISO 4401-05 equivalent). | | **Mounting** | Subplate / Block | Designed for manifold mounting. | | **Return Method** | Spring Return (R) | Uses a mechanical spring to return the spool to neutral when de-energized. | | **Voltage** | DC or AC (Variant dependent) | Commonly 12VDC, 24VDC, or 110/220VAC. | --- ### 2. Core Electronic Components The functionality of the SVB-10-R relies on several internal electronic and electromechanical parts: #### A. The Solenoid Coil * **Winding:** A high-purity copper wire coil that generates a magnetic field when current passes through it. * **Encapsulation:** Usually resin-molded to protect against moisture, chemicals, and vibration (IP65/67 rating). #### B. The Armature (Plunger) * **Material:** Ferromagnetic steel. * **Action:** When the coil is energized, the armature is pulled into the center of the coil, physically pushing the valve spool to change the direction of fluid flow. #### C. Electrical Connection (DIN Connector) * **Interface:** Most SVB series use a 3-pin or 4-pin DIN 43650 connector. * **Indication:** Often includes an integrated **LED** to provide a visual status of whether the coil is receiving power. #### D. Surge Protection * Many modern versions include a **TVS Diode** or **Varistor** inside the coil or the connector to prevent "back-EMF" voltage spikes from damaging the PLC (Programmable Logic Controller) or driving transistor. --- ### 3. Electrical Control Logic The SVB-10-R is usually integrated into a control circuit as follows: ```mermaid graph LR A[PLC / Controller] --> B[Relay or MOSFET] B --> C[SVB-10-R Solenoid] C --> D[Hydraulic Actuator] ``` 1. **Input:** A 24V signal is sent from a controller. 2. **Magnetic Conversion:** The coil converts electrical energy into linear mechanical force. 3. **Mechanical Shift:** The "R" (Return) spring is compressed as the valve shifts. 4. **De-energize:** When power is cut, the magnetic field collapses, and the spring pushes the spool back to its "Home" position. --- ### 4. Common Maintenance & Failure Points * **Coil Burnout:** Occurs if the voltage is too high or if the armature gets stuck, preventing the coil from cooling properly. * **Connector Corrosion:** Moisture entering the DIN connector can cause short circuits. * **Weak Spring:** Over time, the "R" component (Return Spring) can fatigue, leading to slow or incomplete valve resets.
    ✨ Follow-up Questions
    • ⤷What is the standard power consumption (Watts) for an SVB-10 series coil?
    • ⤷ How do I test if the solenoid coil on an SVB-10-R is functional using a multimeter?
    • ⤷ Can the SVB-10-R coil be replaced without dismantling the hydraulic lines?