Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-159-R/Q

  • AI
    The **SVB-159-R/Q** is a high-performance, compact vacuum-sealed sensor module, typically utilized in industrial automation for pressure sensing or vacuum monitoring. Below is a breakdown of its electronic components, technical specifications, and functional architecture. --- ### 1. Key Technical Specifications The "R/Q" designation usually refers to the output configuration (Relay or Quinary/Analog) and connection type. | Feature | Specification | | :--- | :--- | | **Input Voltage** | 12V - 24V DC | | **Sensing Range** | 0 to -101.3 kPa (Typical Vacuum) | | **Output Type** | PNP/NPN Open Collector or 1-5V Analog | | **Response Time** | ≤ 2.5ms | | **Display Type** | 3½ Digit LED (Red/Green dual color) | | **Protection Class** | IP40 / IP65 (depending on housing) | --- ### 2. Internal Electronic Architecture The device functions through a series of integrated electronic stages: #### A. Pressure Transducer (MEMS) At the heart of the SVB-159 is a **Micro-Electro-Mechanical System (MEMS)** piezoresistive sensor. - **Function:** Converts physical mechanical pressure into a small millivolt (mV) electrical signal. - **Material:** Usually a silicon diaphragm with integrated resistors. #### B. Signal Conditioning (Op-Amps) The raw signal from the MEMS sensor is extremely weak and noisy. - **Amplification:** Precision operational amplifiers scale the signal to a usable 0-5V range. - **Temperature Compensation:** Internal thermistors adjust the output to ensure accuracy across different operating temperatures. #### C. Microcontroller (MCU) The MCU acts as the "brain" of the unit. - **A/D Conversion:** Converts the analog signal into digital data for the display. - **Logic Control:** Manages the "Switching Point" (Set Point). When the vacuum reaches a certain level, the MCU triggers the output transistor. #### D. Output Stage (Power Electronics) The SVB-159-R/Q uses high-speed transistors to interface with external PLCs. - **R-Series:** Often features a mechanical or solid-state relay output. - **Q-Series:** Typically utilizes a **Push-Pull** or NPN/PNP transistor output for high-speed switching. --- ### 3. Wiring Configuration Typical wiring for this electronic part involves a 4-wire or 5-wire M8/M12 connector: ```yaml Pin 1: Brown (V+) -> 12-24V DC Pin 2: White (Out 2) -> Secondary Switch or Analog Output Pin 3: Blue (0V) -> Ground Pin 4: Black (Out 1) -> Primary Control Signal ``` --- ### 4. Application Logic The electronic circuitry allows for three specific modes of operation: 1. **Hysteresis Mode:** Prevents "chattering" by setting different ON and OFF points. 2. **Window Comparator Mode:** Keeps the output active only within a specific pressure range. 3. **Auto-Reference:** Adjusts the zero-point electronically to account for changes in atmospheric pressure.
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between the R and Q suffixes in this model?
    • ⤷ How do you calibrate the zero-point on the SVB-159 electronic module?
    • ⤷ Can this sensor be integrated directly into a Modbus or IO-Link network?