Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-160-R

  • AI
    The **SVB-160-R** is a high-performance, industrial-grade AC-DC power supply, typically manufactured by brands like **Sanken** or specialized power electronics firms. It is designed to provide stable DC output from a standard AC input, often used in telecommunications, medical equipment, or industrial automation. ### 1. Key Technical Specifications Below are the typical electronic characteristics found in the SVB-160-R series: | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 85V - 264V AC (Universal Input) | | **Output Voltage** | 24V DC (Standard for -R variant) | | **Output Current** | ~6.7A | | **Power Rating** | 160 Watts | | **Cooling** | Convection or Forced Air | | **Efficiency** | >85% | --- ### 2. Core Electronic Components The SVB-160-R is a **Switch Mode Power Supply (SMPS)**. Its internal architecture consists of several critical electronic stages: #### A. Input Protection & Filtering * **Bridge Rectifier:** Converts the incoming AC sine wave into a pulsating DC signal. * **EMI/RFI Filter:** Uses inductors (chokes) and X/Y capacitors to prevent electromagnetic interference from leaking back into the power grid. * **NTC Thermistor:** Limits "inrush current" when the device is first powered on to prevent blowing fuses. #### B. Power Factor Correction (PFC) Most units in the 160W range include an **Active PFC circuit**. This uses a MOSFET and a controller IC to ensure the current drawn is in phase with the voltage, improving efficiency and reducing harmonic distortion. #### C. DC-DC Conversion (The Switching Stage) * **Switching MOSFETs:** High-speed transistors that "chop" the high-voltage DC into high-frequency pulses. * **Transformer:** A high-frequency ferrite core transformer provides **galvanic isolation** between the high-voltage input and the low-voltage output while stepping down the voltage. #### D. Rectification & Output Filtering * **Schottky Diodes:** These rectify the high-frequency AC from the transformer back into DC. They are chosen for their low forward voltage drop and fast switching speeds. * **Electrolytic Capacitors:** Low-ESR (Equivalent Series Resistance) capacitors smooth out the voltage ripples to provide a steady DC output. --- ### 3. Safety and Control Features The SVB-160-R includes several integrated protection circuits: 1. **Overvoltage Protection (OVP):** Shuts down the unit if the output voltage exceeds a safe threshold (e.g., 115%–135% of nominal). 2. **Overcurrent Protection (OCP):** Limits the output current to prevent damage during a short circuit or overload. 3. **Feedback Loop:** Uses an **Optocoupler** to send a signal from the output side back to the input controller. This ensures the output remains at exactly 24V (or the rated voltage) regardless of load changes. --- ### 4. Mounting and Physical Interface The "-R" suffix often denotes a specific mounting style or terminal orientation (such as a **Right-angle** connector or **Remote sensing** capabilities). ```markdown Typical Pinout Configuration: - L / N: AC Input (Line and Neutral) - FG: Frame Ground (Earth) - -V / +V: DC Output Terminals - V.ADJ: Potentiometer for fine-tuning the output voltage ```
    ✨ Follow-up Questions
    • ⤷What are the differences between the SVB-160-R and the standard SVB-160 model?
    • ⤷ Can the output voltage of the SVB-160-R be adjusted for 12V applications?
    • ⤷ What is the MTBF (Mean Time Between Failures) for this specific power supply?