Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SVB-16DW-R/E

  • AI
    The **SVB-16DW-R/E** is a high-performance **Video Distribution Amplifier** (VDA) or splitter module, typically used in professional security systems, broadcast environments, or surveillance setups. It is designed to take a single video input and distribute it to multiple outputs while maintaining signal integrity. --- ## Technical Specifications & Components Below is a breakdown of the electronic characteristics and core features of this module: | Feature | Specification / Description | | :--- | :--- | | **Input Type** | 1 Channel Composite Video (BNC) | | **Output Type** | 16 Channels Composite Video (BNC) | | **Signal Format** | NTSC / PAL (Standard Analog Video) | | **Bandwidth** | Typically 10MHz or higher (Broadcasting Grade) | | **Gain Control** | Adjustable (Potentiometers for Signal Loss Compensation) | | **Mounting** | Rack-mountable (E-series often denotes internal rack cards) | | **Power Supply** | Usually 12V DC or 24V AC (Internal Regulation) | --- ## Key Electronic Parts and Their Functions ### 1. Active Amplification Circuitry Unlike a passive splitter which weakens the signal for every output added, the SVB-16DW-R/E uses **active operational amplifiers (Op-Amps)**. - **Function:** It boosts the incoming signal so that each of the 16 outputs is identical in strength and quality to the original input. ### 2. Gain and Sharpness Controls (Potentiometers) On the board or front panel, you will find small adjustable screws (Trimmers). - **Gain:** Adjusts the brightness/amplitude of the video signal. - **Sharpness/HF Compensation:** Compensates for high-frequency signal loss that occurs when using long coaxial cable runs (RG59/RG6). ### 3. Isolation & Impedance Matching - **75 Ohm Impedance:** The unit is strictly tuned to 75 ohms for both input and output to prevent "ghosting" or signal reflections. - **Ground Loop Isolation:** High-quality units in this series often include basic isolation to prevent hum bars caused by electrical interference between different pieces of equipment. ### 4. Status Indicators (LEDs) - **Power LED:** Indicates the internal DC-DC converter is functioning. - **Signal Presence LED:** Some versions include a detection LED that lights up when a valid video sync signal is detected on the input. --- ## Application Diagram ```mermaid graph LR A[Video Source: Camera/DVR] --> B{SVB-16DW-R/E}; B --> C1[Monitor 1]; B --> C2[Monitor 2]; B --> C3[Matrix Switcher]; B --> C4[... up to 16 outputs]; ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum cable distance supported by this amplifier?
    • ⤷ How do I adjust the 'Sharpness' trim pot for a blurry image?
    • ⤷ Does this model support HD-TVI or AHD high-definition signals?